전자부품 데이터시트 검색엔진 |
|
BA60BC0FP 데이터시트(PDF) 6 Page - Rohm |
|
BA60BC0FP 데이터시트(HTML) 6 Page - Rohm |
6 / 10 page BA□□BC0 Series,BA□□BC0W Series,BA00BC0W Series Technical Note 6/8 www.rohm.com 2010.02 - Rev.B © 2010 ROHM Co., Ltd. All rights reserved. 31kΩ 2kΩ 27kΩ CTL Notes for use Vcc pin Insert a capacitor (0.33 F approx.) between VCC and GND. The capacitance will vary depending on the application. Use a suitable capacitance and implement designs with sufficient margins. GND pin Verify that there is no potential difference between the ground of the application board and the IC. If there is a potential difference, the set voltage will not be output accurately, resulting in unstable IC operation. Therefore, lower the impedance by designing the ground pattern as wide and as short as possible. CTL pin The CTL pin turns on at an operating power supply voltage of 2.0 V or higher and turns off at 0.8 V or lower. There is no particular order when turning the power supply and CTL pins on or off. Fig.20 Input Equivalent Circuit Vo pin Iinsert a capacitor between the Vo and GND pins in order to prevent output oscillation. Fig.21 Output Equivalent Circuit Fig.22 ESR vs IO(22μF) The capacitance may vary greatly with temperature changes, thus making it impossible to completely prevent oscillation. Therefore, use a tantalum aluminum electrolytic capacitor with a low ESR (Equivalent Serial Resistance). The output will oscillate if the ESR is too high or too low, so refer to the ESR characteristics in Fig. 20 and operate the IC within the stable region. Use a capacitor within a capacitance between 22 F and 1,000F. Below figure,it is ESR-to-Io stability Area characteristics,measured by 22μF-ceramic-capacitor and resistor connected in series. This characteristics is not equal value perfectly to 22µF-aluminum electrolytic capacitor in order to measurement method. Note, however, that the stable range suggested in the figure depends on the IC and the resistance load involved, and can vary with the board’s wiring impedance, input impedance, and/or load impedance. Therefore, be certain to ascertain the final status of these items for actual use. Keep capacitor capacitance within a range of 22µF~1000μF. It is also recommended that a 0.33μF bypass capacitor be connected as close to the input pin-GND as location possible. However, in situations such as rapid fluctuation of the input voltage or the load, please check the operation in real application to determine proper capacitance. OUT 22 F IC 200 400 600 800 1000 0 0.05 0.075 0.1 0.2 0.5 1.0 2.0 Io [mA] Oscillation region Oscillation region Stable region 10.0 |
유사한 부품 번호 - BA60BC0FP |
|
유사한 설명 - BA60BC0FP |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |