전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28288 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 ISL28288
상세설명  Digital DC/DC PMBus 12A Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28288 데이터시트(HTML) 5 Page - Intersil Corporation

  ISL28288 Datasheet HTML 1Page - Intersil Corporation ISL28288 Datasheet HTML 2Page - Intersil Corporation ISL28288 Datasheet HTML 3Page - Intersil Corporation ISL28288 Datasheet HTML 4Page - Intersil Corporation ISL28288 Datasheet HTML 5Page - Intersil Corporation ISL28288 Datasheet HTML 6Page - Intersil Corporation ISL28288 Datasheet HTML 7Page - Intersil Corporation ISL28288 Datasheet HTML 8Page - Intersil Corporation ISL28288 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ISL28288, ISL28488
5
FN6339.4
July 26, 2011
Typical Performance Curves V
+ = 5V, V- = 0V, V
CM = 2.5V, RL = Open
FIGURE 2. FREQUENCY RESPONSE vs SUPPLY VOLTAGE
FIGURE 3. FREQUENCY RESPONSE vs SUPPLY VOLTAGE
FIGURE 4. AVOL vs FREQUENCY @ 100kΩ LOAD
FIGURE 5. AVOL vs FREQUENCY @ 1kΩ LOAD
FIGURE 6. PSRR vs FREQUENCY
FIGURE 7. CMRR vs FREQUENCY
VOUT = 50mVP-P
AV = 1
CL = 3pF
RF = 0, RG = INF
8
-5
-4
-3
0
+1
-2
-1
-7
-6
10k
100k
1M
FREQUENCY (Hz)
1k
V+, V- = ±2.5V
RL = 10k
5M
V+, V- = ±1.2V
RL = 10k
V+, V-= ±2.5V
RL = 1k
V+, V- = ±1.2V
RL = 1k
AV = 100
RL = 10kΩ
CL = 3pF
RF = 100kΩ
RG = 1kΩ
0
15
20
25
40
45
30
35
5
10
100
10k
100k
1M
FREQUENCY (Hz
)
1k
V+, V- = ±1.0V
V+, V- = ±1.2V
V+, V- = ±2.5V
-80
40
120
80
-40
0
11k
100k
10M
FREQUENCY (Hz)
10
-120
80
40
0
-40
-80
10k
1M
100
-20
0
20
80
100
40
60
10
10k
1M
FREQUENCY (Hz)
100
-150
200
150
100
50
0
-50
-100
100k
1k
PHASE
GAIN
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
-10
0
10
20
30
40
50
60
70
80
90
100
VS = ±2.5V
CL = 27.9pF
VCM = 1VP-P
RL = 10k
AV = 1
PSRR-
PSRR+
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
10
FREQUENCY (Hz)
0
VSOURCE = 1VP-P
RL = 10kΩ
V+, V- = ±2.5VDC
10
100
1k
10k
100k
1M


유사한 부품 번호 - ISL28288

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28288 INTERSIL-ISL28288 Datasheet
514Kb / 12P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28288 INTERSIL-ISL28288 Datasheet
473Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
ISL28288 INTERSIL-ISL28288 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28288(EN) INTERSIL-ISL28288(EN) Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

유사한 설명 - ISL28288

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ZL9101M_1104 INTERSIL-ZL9101M_1104 Datasheet
820Kb / 17P
   Digital DC/DC PMBus 12A Module
ZL9101M INTERSIL-ZL9101M_11 Datasheet
877Kb / 17P
   Digital DC/DC PMBus 12A Module
ZL9101MIRZ INTERSIL-ZL9101MIRZ Datasheet
1Mb / 67P
   Digital DC/DC PMBus 12A Module
February 12, 2015
logo
Renesas Technology Corp
ZL9101M RENESAS-ZL9101M Datasheet
2Mb / 63P
   Digital DC/DC PMBus 12A Module
logo
Intersil Corporation
ZL9101M INTERSIL-ZL9101M Datasheet
870Kb / 17P
   Digital DC/DC PMBus 12A Module
logo
Renesas Technology Corp
ISL8270M RENESAS-ISL8270M Datasheet
2Mb / 56P
   Digital DC/DC PMBus 25A Module
ISL8271M RENESAS-ISL8271M Datasheet
2Mb / 57P
   Digital DC/DC PMBus 33A Module
logo
Intersil Corporation
ZL9117MIRZ INTERSIL-ZL9117MIRZ Datasheet
1Mb / 58P
   Digital DC/DC PMBus 17A Module
December 16, 2014
ISL8271MAIRZ INTERSIL-ISL8271MAIRZ Datasheet
1Mb / 51P
   Digital DC/DC PMBus 33A Module
December 18, 2014
ISL8270MAIRZ INTERSIL-ISL8270MAIRZ Datasheet
1Mb / 51P
   Digital DC/DC PMBus 25A Module
July 2, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com