전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2041AFJ 데이터시트(PDF) 10 Page - Rohm

부품명 BD2041AFJ
상세설명  1ch High Side Switch ICs for USB Devices and Memory Cards
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2041AFJ 데이터시트(HTML) 10 Page - Rohm

Back Button BD2041AFJ Datasheet HTML 6Page - Rohm BD2041AFJ Datasheet HTML 7Page - Rohm BD2041AFJ Datasheet HTML 8Page - Rohm BD2041AFJ Datasheet HTML 9Page - Rohm BD2041AFJ Datasheet HTML 10Page - Rohm BD2041AFJ Datasheet HTML 11Page - Rohm BD2041AFJ Datasheet HTML 12Page - Rohm BD2041AFJ Datasheet HTML 13Page - Rohm BD2041AFJ Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
BD2041AFJ,BD2051AFJ,BD6519FJ
Technical Note
10/18
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Waveform data (BD6519FJ)
.
VCTRL
(1V/div.)
VFLAG
(1V/div.)
VCTRL
(1V/div.)
VDD=5V
RL=10Ω
CL=147μF
VDD=5V
RL=10Ω
CL=147μF
VFLAG
(1V/div.)
VOUT
(1V/div.)
IOUT
(0.2A/div.)
VOUT
(1V/div.)
IOUT
(0.2A/div.)
VFLAG
(1V/div.)
VOUT
(1V/div.)
IOUT
(0.2A/div.)
TIME(1ms/div.)
Fig.60 Output rise characteristic
TIME(1ms/div.)
Fig.61 Output fall characteristic
TIME(2ms/div.)
Fig.64 Over current response
Ramped load
VDD=5V
TIME (1ms/div.)
Fig.65 Over current response
Enable to shortcircuit
VFLAG
(1V/div.)
VOUT
(1V/div.)
IOUT
(0.5A/div.)
TIME (1ms/div.)
Fig.66 Over current response
Output shortcircuit at Enable
TIME (200ms/div.)
Fig.67 Over current response
Output shortcircuit at Enable
VDD=5V
VOUT
(1V/div.)
IOUT
(0.2A/div.)
VFLAG
(1V/div.)
VDD=5V
CL=100μF
VCTRL
(1V/div.)
VOUT
(1V/div.)
VFLAG
(1V/div.)
IOUT
(0.2A/div.)
VDD=5V
CL=100μF
VOUT
(1V/div.)
VFLAG
(1V/div.)
IOUT
(0.5A/div.)
VDD=5V
CL=100μF
Thermal Shutdown
VCTRL
(5V/div.)
VDD=5V
RL=10Ω
VFLAG
(5V/div.)
IOUT
(0.2A/div.)
TIME(0.5ms/div.)
Fig.62 Inrush current characteristic
TIME(20ms/div.)
Fig.63 Over current response
Ramped load
CL=47μF
CL=147μF
CL=220μF
CL=330μF
TIME (10ms/div.)
Fig.68 UVLO
VIN increasing
TIME (10ms/div.)
Fig.69 UVLO
VIN decreasing
VDD
(1V/div.)
VOUT
(1V/div.)
VFLAG
(1V/div.)
IOUT
(0.2A/div.)
VDD
(1V/div.)
VOUT
(1V/div.)
VFLAG
(1V/div.)
IOUT
(0.2A/div.)
RL=10Ω
CL=147μF
RL=10Ω
CL=147μF


유사한 부품 번호 - BD2041AFJ

제조업체부품명데이터시트상세설명
logo
Rohm
BD2041AFJ ROHM-BD2041AFJ Datasheet
315Kb / 6P
   Silicon monolithic integrated circuit USB high side switch IC
BD2041AFJ ROHM-BD2041AFJ Datasheet
481Kb / 19P
   1ch Large Current Output USB High Side Switch ICs
BD2041AFJ ROHM-BD2041AFJ Datasheet
682Kb / 25P
   1.0A Current Limit High Side Switch ICs
BD2041AFJ-E2 ROHM-BD2041AFJ-E2 Datasheet
1Mb / 26P
   1.0A Current Limit High Side Switch ICs
BD2041AFJ-E2 ROHM-BD2041AFJ-E2 Datasheet
682Kb / 25P
   1.0A Current Limit High Side Switch ICs
More results

유사한 설명 - BD2041AFJ

제조업체부품명데이터시트상세설명
logo
Rohm
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82061FVJ ROHM-BD82061FVJ_11 Datasheet
399Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2045AFJ ROHM-BD2045AFJ_11 Datasheet
334Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ ROHM-BD82000FVJ_11 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2220G ROHM-BD2220G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2240G ROHM-BD2240G Datasheet
309Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com