전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2061AFJ 데이터시트(PDF) 1 Page - Rohm

부품명 BD2061AFJ
상세설명  1ch High Side Switch ICs for USB Devices and Memory Cards
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2061AFJ 데이터시트(HTML) 1 Page - Rohm

  BD2061AFJ Datasheet HTML 1Page - Rohm BD2061AFJ Datasheet HTML 2Page - Rohm BD2061AFJ Datasheet HTML 3Page - Rohm BD2061AFJ Datasheet HTML 4Page - Rohm BD2061AFJ Datasheet HTML 5Page - Rohm BD2061AFJ Datasheet HTML 6Page - Rohm BD2061AFJ Datasheet HTML 7Page - Rohm BD2061AFJ Datasheet HTML 8Page - Rohm BD2061AFJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/12
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Power Management Switch ICs for PCs and Digital Consumer Products
1ch High Side Switch ICs
for USB Devices and Memory Cards
BD2061AFJ,BD2065AFJ
Description
Single channel high side switch IC for USB port is a high side switch having over current protection used in power supply line
of universal serial bus (USB). N-channel power MOSFET of low on resistance and low supply current are realized in this IC.
And, over current detection circuit, thermal shutdown circuit, under voltage lockout and soft start circuit are built in.
Features
1) Low on resistance 80mΩ Nch MOSFET Switch.
2) Continuous current load 1.0A
3) Control input logic
Active-Low : BD2061AFJ
Active-High : BD2065AFJ
4) Soft start circuit
5) Over current detection
6) Thermal shutdown
7) Under voltage lockout
8) Open drain error flag output
9) Reverse-current protection when power switch off
10) Power supply voltage range 2.7V~5.5V
11) TTL Enable input
12) 1.2ms typical rise time
13) 10μA max standby current
14) Operating temperature range -40℃~85℃
Applications
USB hub in consumer appliances, Car accessory, PC, PC peripheral equipment, and so forth
Lineup
Parameter
BD2061AFJ
BD2065AFJ
Continuous current load (A)
1.0
1.0
Output current at short (A)
1.5
1.5
Control input logic
Low
High
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Supply voltage
VIN
-0.3 to 6.0
V
Enable voltage
VEN, V/EN
-0.3 to 6.0
V
/OC voltage
V/OC
-0.3 to 6.0
V
/OC current
IS/OC
10
mA
OUT voltage
VOUT
-0.3 to 6.0
V
Storage temperature
TSTG
-55 to 150
Power dissipation
PD
560
*1
mW
*1 In the case of exceeding Ta = 25℃, 4.48mW should be reduced per 1℃.
*
This chip is not designed to protect itself against radioactive rays.
Operating conditions
Parameter
Symbol
Ratings
Unit
Operating voltage
VIN
2.7 to 5.5
V
Operating temperature
TOPR
-40 to 85
Continuous output current
ILO
0 to 1.0
A
No.11029ECT06


유사한 부품 번호 - BD2061AFJ

제조업체부품명데이터시트상세설명
logo
Rohm
BD2061AFJ ROHM-BD2061AFJ Datasheet
351Kb / 13P
   1ch Large Current Output USB High Side Switch ICs
BD2061AFJ ROHM-BD2061AFJ Datasheet
488Kb / 25P
   High Side Switch ICs
BD2061AFJ ROHM-BD2061AFJ Datasheet
1,023Kb / 26P
   1.5A Current Limit High Side Switch ICs
BD2061AFJ-E2 ROHM-BD2061AFJ-E2 Datasheet
488Kb / 25P
   High Side Switch ICs
BD2061AFJ-E2 ROHM-BD2061AFJ-E2 Datasheet
1,023Kb / 26P
   1.5A Current Limit High Side Switch ICs
More results

유사한 설명 - BD2061AFJ

제조업체부품명데이터시트상세설명
logo
Rohm
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82061FVJ ROHM-BD82061FVJ_11 Datasheet
399Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2045AFJ ROHM-BD2045AFJ_11 Datasheet
334Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ ROHM-BD82000FVJ_11 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2220G ROHM-BD2220G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2240G ROHM-BD2240G Datasheet
309Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com