전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2066FJ 데이터시트(PDF) 6 Page - Rohm

부품명 BD2066FJ
상세설명  2ch High Side Switch ICs for USB Devices and Memory Cards
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2066FJ 데이터시트(HTML) 6 Page - Rohm

Back Button BD2066FJ Datasheet HTML 2Page - Rohm BD2066FJ Datasheet HTML 3Page - Rohm BD2066FJ Datasheet HTML 4Page - Rohm BD2066FJ Datasheet HTML 5Page - Rohm BD2066FJ Datasheet HTML 6Page - Rohm BD2066FJ Datasheet HTML 7Page - Rohm BD2066FJ Datasheet HTML 8Page - Rohm BD2066FJ Datasheet HTML 9Page - Rohm BD2066FJ Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Technical Note
6/16
BD2062FJ,BD2066FJ
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Electrical Characteristic Curves (Reference Data)
1.5
2
2.5
3
-50
0
50
100
AMBIENT TEMPERATURE: TA (℃)
1.5
2
2.5
3
23
456
SUPPLY VOLTAGE: VIN (V)
0
20
40
60
80
100
120
-50
0
50
100
AMBIENT TEMPERATURE: TA (℃)
0
20
40
60
80
100
120
23
45
6
SUPPLY VOLTAGE: VIN (V)
0
20
40
60
80
100
-50
0
50
100
AMBIENT TEMPERATURE: TA (℃)
0
20
40
60
80
100
23
456
SUPPLY VOLTAGE: VIN (V)
0
0.5
1
1.5
2
-50
0
50
100
AMBIENT TEMPERATURE: TA (℃)
0
0.5
1
1.5
2
23
456
SUPPLY VOLTAGE: VIN (V)
0
0.2
0.4
0.6
0.8
1
-50
0
50
100
AMBIENT TEMPERATURE: TA (℃)
0
0.2
0.4
0.6
0.8
1
23456
SUPPLY VOLTAGE: VIN (V)
0
20
40
60
80
100
120
140
160
180
-50
0
50
100
AMBIENT TEMPERATURE: TA (℃)
0
20
40
60
80
100
120
140
160
180
23
456
SUPPLY VOLTAGE: VIN (V)
Fig.14 Current limit threshold
Fig.4 Operating current
EN, /EN enable
Fig.5 Operating current
EN, /EN enable
Fig.6 Standby current
EN, /EN disable
Fig.7 Standby current
EN, /EN disable
Fig.8 EN, /EN input voltage
Fig.9 EN, /EN input voltage
Fig.10 /OC output low voltage
Fig.11 /OC output low voltage
Fig.12 On-resistance
Fig.13 On-resistance
TA=25℃
TA=25℃
VIN=5V
VIN=5V
TA=25℃
TA=25℃
TA=25℃
TA=25℃
VIN=5V
VIN=5V
VIN=5V
VIN=5V
Low to High
High to Low
High to Low
Low to High
Fig.15 Current limit threshold


유사한 부품 번호 - BD2066FJ

제조업체부품명데이터시트상세설명
logo
Rohm
BD2066FJ ROHM-BD2066FJ Datasheet
141Kb / 5P
   High side switch IC
BD2066FJ-E2 ROHM-BD2066FJ-E2 Datasheet
1Mb / 26P
   2.4A Current Limit High Side Switch ICs
BD2066FJ-LBE2 ROHM-BD2066FJ-LBE2 Datasheet
535Kb / 25P
   2ch High Side Switch ICs for USB Devices and Memory Cards
More results

유사한 설명 - BD2066FJ

제조업체부품명데이터시트상세설명
logo
Rohm
BD2062FJ-LB ROHM-BD2062FJ-LB Datasheet
535Kb / 25P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2046AFJ ROHM-BD2046AFJ_11 Datasheet
394Kb / 14P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD6512F ROHM-BD6512F_11 Datasheet
413Kb / 21P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82061FVJ ROHM-BD82061FVJ_11 Datasheet
399Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ ROHM-BD82000FVJ_11 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2045AFJ ROHM-BD2045AFJ_11 Datasheet
334Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com