전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2802GU 데이터시트(PDF) 4 Page - Rohm

부품명 BD2802GU
상세설명  6LEDs Illumination
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2802GU 데이터시트(HTML) 4 Page - Rohm

  BD2802GU Datasheet HTML 1Page - Rohm BD2802GU Datasheet HTML 2Page - Rohm BD2802GU Datasheet HTML 3Page - Rohm BD2802GU Datasheet HTML 4Page - Rohm BD2802GU Datasheet HTML 5Page - Rohm BD2802GU Datasheet HTML 6Page - Rohm BD2802GU Datasheet HTML 7Page - Rohm BD2802GU Datasheet HTML 8Page - Rohm BD2802GU Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Technical Note
4/27
www.rohm.com
2011.04 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
BD2802GU
Outside size figure
VCSP85H2 CSP small Package
Size : 2.8mm×2.8mm (Tolerance : ± 0.1mm each side) height 1.0mm max
Ball pitch : 0.5 mm


유사한 부품 번호 - BD2802GU

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
BD280-1130-10/16 MACOM-BD280-1130-10/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
BD280-1130-1016 MACOM-BD280-1130-1016 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
BD280-1130-15/16 MACOM-BD280-1130-15/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
BD280-1130-1516 MACOM-BD280-1130-1516 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
BD280-1130-20/16 MACOM-BD280-1130-20/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
More results

유사한 설명 - BD2802GU

제조업체부품명데이터시트상세설명
logo
Visual Communications C...
1092 VCC-1092 Datasheet
872Kb / 5P
   LED illumination
logo
Cree, Inc
450TR5050M-S18000 CREE-450TR5050M-S18000_16 Datasheet
385Kb / 5P
   General Illumination
logo
Schurter Inc.
PSEAE30 SCHURTER-PSEAE30 Datasheet
550Kb / 4P
   The indicators are available with Lettering, Point Illumination Ring Illumination or Area Illumination
logo
E-SWITCH
52-PV8F2T1SS335 E-SWITCH-52-PV8F2T1SS335 Datasheet
136Kb / 1P
   ILLUMINATION COLOR: GREEN
52-PV6F240SSG241 E-SWITCH-52-PV6F240SSG241 Datasheet
202Kb / 1P
   ILLUMINATION COLOR: BLUE
logo
OSRAM GmbH
SFH4645EN OSRAM-SFH4645EN Datasheet
496Kb / 13P
   Infrared Illumination for cameras
logo
PARA LIGHT ELECTRONICS ...
6000K_CR07C-P1C54-EC000 PARALIGHT-6000K_CR07C-P1C54-EC000 Datasheet
869Kb / 12P
   Uniform high quality illumination
CS20C-P1C28-DB000 PARALIGHT-CS20C-P1C28-DB000 Datasheet
556Kb / 12P
   Uniform high quality illumination
3000K_CR07W-P1C54-CC000 PARALIGHT-3000K_CR07W-P1C54-CC000 Datasheet
944Kb / 12P
   Uniform high quality illumination
CR07W-P1C54-CD000 PARALIGHT-CR07W-P1C54-CD000 Datasheet
536Kb / 12P
   Uniform high quality illumination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com