전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD3021HFP-M 데이터시트(PDF) 11 Page - Rohm

부품명 BD3021HFP-M
상세설명  Regulator with Voltage Detector and Watchdog Timer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD3021HFP-M 데이터시트(HTML) 11 Page - Rohm

Back Button BD3021HFP-M_10 Datasheet HTML 7Page - Rohm BD3021HFP-M_10 Datasheet HTML 8Page - Rohm BD3021HFP-M_10 Datasheet HTML 9Page - Rohm BD3021HFP-M_10 Datasheet HTML 10Page - Rohm BD3021HFP-M_10 Datasheet HTML 11Page - Rohm BD3021HFP-M_10 Datasheet HTML 12Page - Rohm BD3021HFP-M_10 Datasheet HTML 13Page - Rohm BD3021HFP-M_10 Datasheet HTML 14Page - Rohm BD3021HFP-M_10 Datasheet HTML 15Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Technical Note
11/14
BD3021HFP-M
www.rohm.com
2010.11 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Pin Settings / Precautions
1.
Vcc Pin
Insert a 0.33 ~ 1000µF capacitor between the Vcc and GND pins. The appropriate capacitance value varies by
application. Be sure to allow a sufficient margin for input voltage levels.
2.
Output pins
It is necessary to place capacitors between each output pin and GND to prevent oscillation on the output. Usable
capacitance values range from 0.1µF ~ 1000µF. Abrupt fluctuations in input voltage and load conditions may affect the
output voltage. Output capacitance values should be determined only through sufficient testing of the actual application.
3.
CT pin
Connecting a capacitance of 0.01µF ~ 1µF on the CT pin is recommended.
ESR vs Io(reference data)
Pin Settings / Precautions 2 Measurement circuit
Vcc=5.6V~36V
Ta=-40℃~+125℃
Io=0A~500mA
Cin=0.33µF~100µF Cout=0.1µF~100µF
0.001
0.01
0.1
1
10
100
0
100
200
300
400
500
Cout_Io(mA)
Unstable operating region
Stable operating
region
Vcc
Vo
GND
Cin
ESR
Io(ROUT)
Vcc
(5.6~36V)
(0.33μF~)
Cout(0.1μF~)
(0.001Ω~)


유사한 부품 번호 - BD3021HFP-M_10

제조업체부품명데이터시트상세설명
logo
Rohm
BD3021HFP-M ROHM-BD3021HFP-M Datasheet
135Kb / 5P
   Voltage Regulator with Watchdog Timer Reset
More results

유사한 설명 - BD3021HFP-M_10

제조업체부품명데이터시트상세설명
logo
Rohm
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A28FVM ROHM-BD87A28FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD99A41F ROHM-BD99A41F Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD3004HFP ROHM-BD3004HFP_06 Datasheet
1Mb / 9P
   Regulators with Voltage Detector and Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com