전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD3403FV 데이터시트(PDF) 1 Page - Rohm

부품명 BD3403FV
상세설명  Sound Processors with Built-in 3-band Equalizers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD3403FV 데이터시트(HTML) 1 Page - Rohm

  BD3403FV Datasheet HTML 1Page - Rohm BD3403FV Datasheet HTML 2Page - Rohm BD3403FV Datasheet HTML 3Page - Rohm BD3403FV Datasheet HTML 4Page - Rohm BD3403FV Datasheet HTML 5Page - Rohm BD3403FV Datasheet HTML 6Page - Rohm BD3403FV Datasheet HTML 7Page - Rohm BD3403FV Datasheet HTML 8Page - Rohm BD3403FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/15
www.rohm.com
2010.10 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Sound Processors for BOOM BOX / Mini-component Stereo
Sound Processors
with Built-in 3-band Equalizers
BD3403FV, BD3861FS, BD3883FS
Description
The Sound Processor has a built-in 3 Band Equalizer and can be controlled with a 2-wire serial. It is suited for a sound
quality design which incorporates various functions, ranging from source selectors, such as BOOM BOX, Mini-audio
systems and Micro-audio systems to preamplifiers at the front stage of the power amp.
Features
1) High S/N, achieved by implementing 2-stage configuration of Front Volume and Rear Volume.
2) Provides surround and rear volume with Soft-switch to reduce a shock sound during switching functions(BD3883FS).
3) Volume and tone implemented with the resistance ladder circuit
(to achieve high performance with low noise and low distortion).
4) Uses the BiCMOS process that achieves low-consumption current, which contributes to an energy-saving design.
Using the BiCMOS process, has the advantage in quality over the scaling down of the internal regulators and heat controls.
5) SSOP-A32 and SSOP-B40 are used for the packages. Input pins and output pins are organized and separately laid
out so as to keep the signal flows in one direction which consequently, simplify pattern layout of the set board and
decrease the board dimensions.
Applications
BOOM BOX, mini-audio systems, and micro-audio systems.
Product lineup
Parameter
BD3403FV
BD3861FS
BD3883FS
Operating Voltage Range
6.5 to 9.5V
6.5 to 9.5V
6.5 to 9.5V
Equalizer
3 band
(BASS, MIDDLE, TREBLE)
3 band
(BASS, MIDDLE, TREBLE)
3 band
(BASS, MIDDLE, TREBLE)
Front Volume
0 to -30dB/2dB step
0 to -50dB/2dB step
-50 to -70dB/4dB step, -∞dB 0 to -87dB/1dB step, -
dB
Rear Volume
0 to -59dB/1dB step, -∞dB 0 to -59dB/1dB step, -∞dB
0, -10dB
Input Gain
0 to 26dB/2dB step
0 to 26dB/2dB step
0, 6, 12, 16, 20, 23, 26, 29dB
Microphone Input
Surround
Package
SSOP-B40
SSOP-A32
SSOP-A32
Absolute maximum ratings (Ta=25℃)
Prameter
Symbol
Ratings
Unit
BD3403FV
BD3861FS,BD3883FS
Power Supply Voltage
Vcc
10
10
V
Power Dissipation
Pd
900
*1
950
*2
mW
Input Voltage Range
Vin
GND-0.3 to VCC+0.3
GND-0.3 to VCC+0.3
V
Operating Temperature Range
Topr
-25 to +75
-25 to +75
Storage Temperature Range
Tstg
-55 to +125
-55 to +125
*1 Reduced by 9.0 mW/℃ over 25℃, when installed on the standard board (size: 70×70×1.6mm) for (BD3403FV).
*2 Reduced by 9.5 mW/℃ over 25℃, when installed on the standard board (size:70×70×1.6mm) for (BD3861FS,BD3883FS).
Operating voltage range
Prameter
Symbol
Ratings
Unit
BD3403FV
Vcc
6.5 to 9.5
V
BD3861FS
BD3883FS
No.10086EAT01


유사한 부품 번호 - BD3403FV

제조업체부품명데이터시트상세설명
logo
Rohm
BD3401KS2 ROHM-BD3401KS2 Datasheet
460Kb / 19P
   Single Power Supply Sound Processors with Built-in Pre Amplifier for Tape Recording and Play Back
BD3402KS2 ROHM-BD3402KS2 Datasheet
204Kb / 6P
   Audio Sound Processor for home audio
BD3402KS2 ROHM-BD3402KS2 Datasheet
460Kb / 19P
   Single Power Supply Sound Processors with Built-in Pre Amplifier for Tape Recording and Play Back
logo
Pan Jit International I...
BD340S PANJIT-BD340S Datasheet
124Kb / 3P
   THROUGH HOLE SCHOTTKY BARRIER RECTIFIERS
BD340S PANJIT-BD340S_14 Datasheet
261Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

유사한 설명 - BD3403FV

제조업체부품명데이터시트상세설명
logo
Rohm
BD3870FS ROHM-BD3870FS_10 Datasheet
456Kb / 16P
   Sound Processors with Built-in 3-band Equalizers
BD37531FV_1003 ROHM-BD37531FV_1003 Datasheet
755Kb / 38P
   Sound Processors with Built-in 3-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS_1003 ROHM-BD37524FS_1003 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
BD37534FV ROHM-BD37534FV_15 Datasheet
4Mb / 39P
   Sound Processor with Built-in 3-band Equalizer
BD37533FV ROHM-BD37533FV_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37542FS ROHM-BD37542FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37544FS ROHM-BD37544FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com