전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD3460FS 데이터시트(PDF) 7 Page - Rohm

부품명 BD3460FS
상세설명  General-Purpose Electronic Volume with Built-in Advanced Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD3460FS 데이터시트(HTML) 7 Page - Rohm

Back Button BD3460FS Datasheet HTML 3Page - Rohm BD3460FS Datasheet HTML 4Page - Rohm BD3460FS Datasheet HTML 5Page - Rohm BD3460FS Datasheet HTML 6Page - Rohm BD3460FS Datasheet HTML 7Page - Rohm BD3460FS Datasheet HTML 8Page - Rohm BD3460FS Datasheet HTML 9Page - Rohm BD3460FS Datasheet HTML 10Page - Rohm BD3460FS Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Technical Note
7/28
BD3460FS,BD3461FS,BD3464FV,BD3465FV
www.rohm.com
2011.04 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
I2C BUS LOGIC
100k
22
21
20
19
18
17
16
15
14
13
3
4
5
6
7
8
9
10
11
12
100k
100k
100k
100k
24
23
1
2
VCC/2
100k
100k
100k
BUFFERED
GND ISO AMP
VCC
GND
100k
100k
100k
Independent
control
■6ch Volume
+23dB~-79dB/1dB step,-∞
★:Advanced switch circuit
■Mixing ATT
0dB~-32dB/8dB step,
-32dB~-64dB/16dB step,-∞
Fig.18 BD3461FS
Descriptions of terminal
Terminal
No.
Terminal
Name
Description
Terminal
No.
Terminal
Name
Description
1
INF1
Front input terminal of 1ch
13
OUTS2
Subwoofer output terminal of 2ch
2
INF2
Front input terminal of 2ch
14
OUTS1
Subwoofer output terminal of 1ch
3
INR1
Rear input terminal of 1ch
15
OUTR2
Rear output terminal of 2ch
4
INR2
Rear input terminal of 2ch
16
OUTR1
Rear output terminal of 1ch
5
INS1
Subwoofer input terminal of 1ch
17
OUTF2
Front output terminal of 2ch
6
INS2
Subwoofer input terminal of 2ch
18
OUTF1
Front output terminal of 1ch
7
EXT1
External input terminal of 1ch
19
VCC
Power supply terminal
8
EXT2
External input terminal of 2ch
20
CS
Chip select terminal
9
EXT3
External input terminal of 3ch
21
SCL
I
2C Communication clock terminal
10
DIFFOUT DIFF amp output terminal
22
SDA
I
2C Communication data terminal
11
NIN
DIFF amp negative input terminal
23
GND
GND terminal
12
PIN
DIFF amp positive input terminal
24
FIL
VCC/2 terminal


유사한 부품 번호 - BD3460FS

제조업체부품명데이터시트상세설명
logo
Rohm
BD3460FS ROHM-BD3460FS Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3460FS-E2 ROHM-BD3460FS-E2 Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3460FS ROHM-BD3460FS_15 Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
More results

유사한 설명 - BD3460FS

제조업체부품명데이터시트상세설명
logo
Rohm
BD37034FV-M ROHM-BD37034FV-M Datasheet
1Mb / 47P
   General-Purpose Electronic Volume with Built-in Advanced Switch
BD3461FS ROHM-BD3461FS_15 Datasheet
2Mb / 32P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3460FS ROHM-BD3460FS_15 Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3465FV ROHM-BD3465FV Datasheet
2Mb / 31P
   General-Purpose 4ch Electronic Volume with Built-in Advanced Switch
BD3464FV ROHM-BD3464FV Datasheet
2Mb / 30P
   General-Purpose 4ch Electronic Volume with Built-in Advanced Switch
logo
Mitsubishi Electric Sem...
M62496FP MITSUBISHI-M62496FP Datasheet
218Kb / 11P
   ELECTRONIC VOLUME CONTROL WITH BUILT-IN SPEATEN FILTER
logo
Renesas Technology Corp
M62496FP RENESAS-M62496FP Datasheet
187Kb / 14P
   Electronic Volume Control with Built-in Speaten Filter
M61508FP RENESAS-M61508FP Datasheet
233Kb / 25P
   The Electric Volume of Built-in Non Fader Volume with Tone
logo
Sony Corporation
CXA2125Q SONY-CXA2125Q Datasheet
399Kb / 35P
   Audio/Video Switch with Electronic Volume for 3 Scart
CXA2126Q SONY-CXA2126Q Datasheet
370Kb / 34P
   Audio/Video Switch with Electronic Volume for 2 Scart
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com