전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD3509MUV 데이터시트(PDF) 7 Page - Rohm

부품명 BD3509MUV
상세설명  Nch FET Ultra LDO for PC Chipsets
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD3509MUV 데이터시트(HTML) 7 Page - Rohm

Back Button BD3509MUV Datasheet HTML 3Page - Rohm BD3509MUV Datasheet HTML 4Page - Rohm BD3509MUV Datasheet HTML 5Page - Rohm BD3509MUV Datasheet HTML 6Page - Rohm BD3509MUV Datasheet HTML 7Page - Rohm BD3509MUV Datasheet HTML 8Page - Rohm BD3509MUV Datasheet HTML 9Page - Rohm BD3509MUV Datasheet HTML 10Page - Rohm BD3509MUV Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7/20
Technical Note
www.rohm.com
2010.04 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
BD3508MUV,BD3509MUV
Reference Data
BD3509MUV
Fig.29 Transient Response
(4→0A)
Co=100µF
Fig.33 Input sequence
Fig.28 Transient Response
(4→0A)
Co=22µF, CFB=0.01µF
Fig.30 Transient Response
(4→0A)
Co=47µF, CFB=0.01µF
Vo
50mV/div
Io
2A/div
37mV
4.0A
Io=4A→0A/4µsec
t(100µsec/div)
Vo
50mV/div
Io
2A/div
41mV
4.0A
Io=4A→0A/4µsec
t(100µsec/div)
Vo
50mV/div
Io
2A/div
39mV
4.0A
Io=4A→0A/4µsec
t(100µsec/div)
Fig.25 Transient Response
(0→4A)
Co=22µF,CFB=0.01µF
Fig.26 Transient Response
(0→4A)
Co=100µF
39mV
Vo
50mV/div
Io
2A/div
51mV
4.0A
Vo
50mV/div
Io
2A/div
Io=0A→4A/4µsec
t(10µsec/div)
Io=0A→4A/4µsec
t(10µsec/div)
Fig.27 Transient Response
(0→4A)
Co=47µF,CFB=0.01µF
41mV
4.0A
Vo
100mV/div
Io
2A/div
Io=0A→4A/4µsec
t(10µsec/div)
4.0A
VCC→VIN→VEN
Fig.31: Waveform at output start
Fig.32 Waveform at output
OFF
t(200µsec/div)
t(2msec/div)
VEN
2V/div
VNRCS
1V/div
Vo
1V/div
PGOOD
2V/div
VEN
2V/div
VNRCS
1V/div
Vo
1V/div
PGOOD
2V/div
VEN
VCC
VIN
Vo
Fig.34 Input sequence
Fig.35 Input sequence
Fig.36 Input sequence
VEN
VCC
VIN
Vo
VEN
VCC
VIN
Vo
VEN
VCC
VIN
Vo
VIN→VCC→VEN
VEN→VCC→VIN
VCC→VEN→VIN


유사한 부품 번호 - BD3509MUV

제조업체부품명데이터시트상세설명
logo
Rohm
BD3509MUV ROHM-BD3509MUV Datasheet
379Kb / 6P
   Silicon monolithic integrated circuit 1ch Series Regulator Driver IC
BD3509MUV ROHM-BD3509MUV Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
More results

유사한 설명 - BD3509MUV

제조업체부품명데이터시트상세설명
logo
Rohm
BD3506F ROHM-BD3506F_10 Datasheet
534Kb / 15P
   Nch FET Ultra LDO for PC Chipsets
BD3507HFV ROHM-BD3507HFV_10 Datasheet
479Kb / 16P
   Nch FET Ultra LDO for PC Chipsets
BD3504FVM ROHM-BD3504FVM_10 Datasheet
549Kb / 17P
   Nch FET Ultra LDO Controllers for PC Chipsets
BD35281HFN ROHM-BD35281HFN_11 Datasheet
384Kb / 16P
   Nch FET Ultra LDO for Desktop PCs
BD3540NUV ROHM-BD3540NUV_09 Datasheet
642Kb / 17P
   Nch FET Ultra LDOs for Desktop PCs Chipsets with Power Good
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
BD3523HFN ROHM-BD3523HFN_09 Datasheet
788Kb / 21P
   Nch FET Ultra LDOs for Desktop PCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com