전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD3538F 데이터시트(PDF) 9 Page - Rohm

부품명 BD3538F
상세설명  Termination Regulators for DDR-SDRAMs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD3538F 데이터시트(HTML) 9 Page - Rohm

Back Button BD3538F_10 Datasheet HTML 3Page - Rohm BD3538F_10 Datasheet HTML 4Page - Rohm BD3538F_10 Datasheet HTML 5Page - Rohm BD3538F_10 Datasheet HTML 6Page - Rohm BD3538F_10 Datasheet HTML 7Page - Rohm BD3538F_10 Datasheet HTML 8Page - Rohm BD3538F_10 Datasheet HTML 9Page - Rohm BD3538F_10 Datasheet HTML 10Page - Rohm BD3538F_10 Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Technical Note
BD3538F,BD3538HFN
9/10
www.rohm.com
2010.05 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
0
100
200
300
400
500
600
700
800
0
25
50
75
100
125
150
Ambient Temperature:Ta(℃)
(2) 560mW
(1) 690mW
100℃
0.0
0.5
1.0
1.5
2.0
0
25
50
75
100
125
150
Ambient Temperature:Ta(℃)
(3) 0.63W
(2) 1.35W
(1) 1.75W
(1) 1 layer (copper foil density : 65%)
θ
ja=71.4℃/W
(2) 1 layer (copper foil density : 7%)
θ
ja=92.4℃/W
(3) 1 layer (copper foil density : 0.2%)
θ
ja=198.4℃/W
Heat Loss
Thermal design must be conducted with the operation under the conditions listed below (which are the guaranteed
temperature range requiring consideration on appropriate margins etc.):
1. Ambient temperature Ta: 100°C or lower
2. Chip junction temperature Tj: 150°C or lower
The chip junction temperature Tj can be considered as follows. See Page 2/10 for θja.
For the package has FIN at the bottoms of IC, package power depends on the connected copper foil area. Be sure to keep
the board surface area or release the heat with setting enough through holes to inside pattern.
Most of heat loss in BD3538F/HFN occurs at the output N-channel FET. The power lost is determined by multiplying the
voltage between VIN and Vo by the output current. As this IC employs the power PKG, the thermal derating characteristics
significantly depends on the pc board conditions. When designing, care must be taken to the size of a pc board to be used.
Power dissipation (W) = {Input voltage (VTT_IN) – Output voltage (VTT=1/2VDDQ)}×Io (Ave)
If VTT_IN = 1.8 volts, VDDQ=1.8 volts, and Io (Ave)=0.5 A, for instance, the power dissipation is determined as follows:
Power dissipation (W) = {1.8 (V) – 0.9 (V)} × 0.5 (A) = 0.4 (W)
Power Dissipation
SOP8
HSON8
(1) 70mm×70mm×1.6mm Glass-epoxy PCB
θ
j-c=181℃/W
(2) With no heat sink
θ
j-a=222℃/W


유사한 부품 번호 - BD3538F_10

제조업체부품명데이터시트상세설명
logo
Rohm
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
More results

유사한 설명 - BD3538F_10

제조업체부품명데이터시트상세설명
logo
Rohm
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3537F ROHM-BD3537F_08 Datasheet
581Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3533F ROHM-BD3533F_08 Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
BD3539FVM ROHM-BD3539FVM_10 Datasheet
441Kb / 12P
   Termination Regulators for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ_09 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3532F ROHM-BD3532F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3531F ROHM-BD3531F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3538F ROHM-BD3538F_08 Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com