전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD3538HFN 데이터시트(PDF) 2 Page - Rohm

부품명 BD3538HFN
상세설명  Termination Regulators for DDR-SDRAMs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD3538HFN 데이터시트(HTML) 2 Page - Rohm

  BD3538HFN Datasheet HTML 1Page - Rohm BD3538HFN Datasheet HTML 2Page - Rohm BD3538HFN Datasheet HTML 3Page - Rohm BD3538HFN Datasheet HTML 4Page - Rohm BD3538HFN Datasheet HTML 5Page - Rohm BD3538HFN Datasheet HTML 6Page - Rohm BD3538HFN Datasheet HTML 7Page - Rohm BD3538HFN Datasheet HTML 8Page - Rohm BD3538HFN Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Technical Note
BD3538F,BD3538HFN
2/10
www.rohm.com
2010.05 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Operating Conditions (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Min
Max
Input Voltage
VCC
2.7
5.5
V
Termination Input Voltage
VTT_IN
1.0
5.5
V
VDDQ Reference Voltage
VDDQ
1.0
2.75
V
Enable Input Voltage
VEN
-0.3
5.5
V
No radiation-resistant design is adopted for the present product.
Electrical Characteristics (unless otherwise noted, Ta=25℃ VCC=3.3V VEN=3V VDDQ=1.8V VTT_IN=1.8V)
Parameter
Symbol
Limits
Unit
Condition
Min
Typ
Max
Standby Current
IST
-
0.5
1.0
mA
VEN=0V
Bias Current
ICC
-
2
4
mA
VEN=3V
[Enable]
High Level Enable Input Voltage
VENHIGH
2.3
-
5.5
V
Low Level Enable Input Voltage
VENLOW
-0.3
-
0.8
V
Enable Pin Input Current
IEN
-
7
10
µA
VEN=3V
[Termination]
Termination Output Voltage 1
VTT1
VREF-30m
VREF
VREF+30m
V
ITT=-1.0A to 1.0A
Ta=0℃ to 105℃
*6
Termination Output Voltage 2
VTT2
VREF-30m
VREF
VREF+30m
V
VCC=5V, VDDQ=2.5V
VTT_IN=2.5V
ITT=-1.0A to 1.0A
Ta=0℃ to 105℃
*6
Source Current
ITT+
1.0
-
-
A
Sink Current
ITT-
-
-
-1.0
A
Load Regulation
VTT
-
-
50
mV
ITT=-1.0A to 1.0A
Line Regulation
Reg.l
-
20
40
mV
Upper Side ON Resistance 1
HRON1
-
0.45
0.9
Lower Side ON Resistance 1
LRON1
-
0.45
0.9
Upper Side ON Resistance 2
HRON2
-
0.4
0.8
VCC=5V, VDDQ=2.5V
VTT_IN=2.5V
Lower Side ON Resistance 2
LRON2
-
0.4
0.8
VCC=5V, VDDQ=2.5V
VTT_IN=2.5V
[Reference Voltage Input]
Input Impedance
ZVDDQ
70
100
130
kΩ
Output Voltage 1
VREF1
1/2×VDDQ
-18m
1/2×VDDQ 1/2
×
VDDQ
+18m
V
IREF=-5mA to 5mA
Ta=0℃ to 105℃
*6
Output Voltage 2
VREF2
1/2×VDDQ
-40m
1/2×VDDQ 1/2
×
VDDQ
+40m
V
IREF=-10mA to 10mA
Ta=0℃ to 105℃
*6
Output Voltage 3
VREF3
1/2×VDDQ
-25m
1/2×VDDQ
1/2×VDDQ
+25m
V
VCC=5V, VDDQ=2.5V
VTT_IN=2.5V
IREF=-5mA to 5mA
Ta=0℃ to 105℃
*6
Output Voltage 4
VREF4
1/2×VDDQ
-40m
1/2×VDDQ 1/2
×
VDDQ
+40m
V
VCC=5V, VDDQ=2.5V
VTT_IN=2.5V
ITT=-10mA to 10mA
Ta=0℃ to 105℃
*6
[UVLO]
Threshold Voltage
VUVLO
2.40
2.55
2.70
V
VCC : sweep up
Hysteresis Voltage
VUVLO
100
160
220
mV
VCC : sweep down
*6 Design Guarantee


유사한 부품 번호 - BD3538HFN

제조업체부품명데이터시트상세설명
logo
Rohm
BD3538HFN ROHM-BD3538HFN Datasheet
383Kb / 6P
   Silicon Monolithic Integrated Circuit
BD3538HFN ROHM-BD3538HFN Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
BD3538HFN-E2 ROHM-BD3538HFN-E2 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3538HFN-TR ROHM-BD3538HFN-TR Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
More results

유사한 설명 - BD3538HFN

제조업체부품명데이터시트상세설명
logo
Rohm
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3537F ROHM-BD3537F_08 Datasheet
581Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3533F ROHM-BD3533F_08 Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
BD3539FVM ROHM-BD3539FVM_10 Datasheet
441Kb / 12P
   Termination Regulators for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ_09 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3532F ROHM-BD3532F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3531F ROHM-BD3531F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3538F ROHM-BD3538F_08 Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com