전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD3872FS 데이터시트(PDF) 8 Page - Rohm

부품명 BD3872FS
상세설명  Sound Processors with Built-in 3-band Equalizers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD3872FS 데이터시트(HTML) 8 Page - Rohm

Back Button BD3872FS Datasheet HTML 4Page - Rohm BD3872FS Datasheet HTML 5Page - Rohm BD3872FS Datasheet HTML 6Page - Rohm BD3872FS Datasheet HTML 7Page - Rohm BD3872FS Datasheet HTML 8Page - Rohm BD3872FS Datasheet HTML 9Page - Rohm BD3872FS Datasheet HTML 10Page - Rohm BD3872FS Datasheet HTML 11Page - Rohm BD3872FS Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Technical Note
8/15
www.rohm.com
2010.10 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD3870FS,BD3871FS,BD3872FS,BD3873FS
Pin description (BD3872FS)
Pin No. Pin Name
Description
Pin No. Pin Name
Description
1
VIN1
1ch volume input pin
17
SC
Serial clock input pin
2
SEL1
1ch input selector output pin
18
SI
Serial data input pin
3
VIN2
2ch volume input pin
19
VCC
Power supply pin
4
SEL2
2ch input selector output pin
20
CAP
Time constant setting pin for absorbing
switching shock sound
5
A1
1ch input pin A
21
OUT2
2ch output pin
6
A2
2ch input pin A
22
OUT1
1ch output pin
7
B1
1ch input pin B
23
BOUT2
2ch bass filter setting pin
8
B2
2ch input pin B
24
BNF2
2ch bass filter setting pin
9
C1
1ch input pin C
25
BOUT1
1ch bass filter setting pin
10
C2
2ch input pin C
26
BNF1
1ch bass filter setting pin
11
D1
1ch input pin D
27
TNF2
2ch treble filter setting pin
12
D2
2ch input pin D
28
TNF1
1ch treble filter setting pin
13
E1
1ch input pin E
29
SOUT2
2ch cinema surround or SEQ setting pin
14
E2
2ch input pin E
30
SQI2
2ch cinema surround or SEQ setting pin
15
FILTER
1/2 VCC pin
31
SOUT1
1ch cinema surround or SEQ setting pin
16
GND
Ground pin
32
SQI1
1ch cinema surround or SEQ setting pin


유사한 부품 번호 - BD3872FS

제조업체부품명데이터시트상세설명
logo
Rohm
BD3872FS ROHM-BD3872FS Datasheet
234Kb / 6P
   Audio Sound Processor for home audio
More results

유사한 설명 - BD3872FS

제조업체부품명데이터시트상세설명
logo
Rohm
BD3403FV ROHM-BD3403FV Datasheet
378Kb / 16P
   Sound Processors with Built-in 3-band Equalizers
BD37531FV_1003 ROHM-BD37531FV_1003 Datasheet
755Kb / 38P
   Sound Processors with Built-in 3-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS_1003 ROHM-BD37524FS_1003 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
BD37534FV ROHM-BD37534FV_15 Datasheet
4Mb / 39P
   Sound Processor with Built-in 3-band Equalizer
BD37533FV ROHM-BD37533FV_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37542FS ROHM-BD37542FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37544FS ROHM-BD37544FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com