전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD3882FV 데이터시트(PDF) 2 Page - Rohm

부품명 BD3882FV
상세설명  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD3882FV 데이터시트(HTML) 2 Page - Rohm

  BD3882FV_11 Datasheet HTML 1Page - Rohm BD3882FV_11 Datasheet HTML 2Page - Rohm BD3882FV_11 Datasheet HTML 3Page - Rohm BD3882FV_11 Datasheet HTML 4Page - Rohm BD3882FV_11 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
REV. B
Electrical characteristics
(Ta = 25
C, VDD = 4.5V, VEE = -4.5V, f = 1kHz, Vin = 50mVrms, Rg = 600, RL = 10k, Input Selector = Ach,
Front Volume=0dB, Rear Volume=0dB, Bass=0dB, Middle=0dB, Treble=0dB, unless otherwise noted.)
Parameter
Symbol
Limit
Unit
Conditions
Min.
Typ.
Max.
VDD Circuit Current
IQVDD
-
4.5
10.0
mA
Vin = 0Vrms
VEE Circuit Current
IQVEE
-10.0
-4.5
-
Ach Maximum Input Voltage
Vaim
0.6
0.8
-
Vrms
THD(Vout) =1%, BPF = 400~30kHz
Front Volume = -6dB
Rear Volume = -18dB
Bch Maximum Input Voltage
Vbim
Cch Maximum Input Voltage
Vcim
Maximum Input Voltage TP
Vimtp
0.6
0.8
-
Vrms
THD(Vout)=1%, BPF = 400~30kHz
GAIN = 10dB, Front Volume = -6dB
Rear Volume = -18dB
Maximum Output Voltage
Vom
2.2
2.5
-
Vrms
THD = 1%, BPF = 400~30kHz
Voltage Gain
Gv
26
28
30
dB
Gv = 20log(Vout/Vin)
Channel Balance
CB
-1.5
0
1.5
dB
CB = Gv1-Gv2
Total Harmonic Distortion Ratio
THD
-
0.01
0.1
BPF = 400-30KHz
Output Noise Voltage *
Vno
-
22
60
μVrms
BPF = IHF-A, Rg = 0Ω
Residual Noise Voltage *
Vmno
-
3
8
μVrms
Volume=-∞, BPF = IHF-A, Rg=0Ω
Cross-talk between Channels *
CT
70
85
-
dB
CT = 20log(Vin/Vout)
BPF = IHF-A, Rg = 0Ω
Output Impedance
Rout
50
Ω
Voltage Gain A
Gva
8
10
12
dB
Voltage Gain B
Gvb
Voltage Gain C
Gvc
Cross-talk between Selectors A1ch→B1ch *
CTab1
-110
-70
dB
Rg = 0Ω, BPF = IHF-A
Vin=500mVrms
Cross-talk between Selectors A2ch→B2ch *
CTab2
Cross-talk between Selectors B1ch→C1ch *
CTbc1
Cross-talk between Selectors B2ch→C2ch *
CTbc2
Cross-talk between Selectors C1ch→A1ch *
CTca1
Cross-talk between Selectors C2ch→A2ch *
CTca2
Selector Output Impedance
Rsout
50
Ω
Karaoke Voltage Gain 1ch mono
Gk1
8
10
12
dB
1ch mono
Karaoke Voltage Gain 2ch mono
Gk2
8
10
12
dB
2ch mono
Karaoke Voltage Gain 1ch + 2ch
Gk12
8
10
12
dB
1ch+2ch
Voltage Gain RC
Gvrc
38
40
42
dB
f=10kHz
Maximum Output Voltage RC
Vomrc
2.2
2.5
-
Vrms
THD=1%, BPF=400~30kHz
Input conversion Noise Voltage RC
Vnorc
-
1.5
3.0
μVrms
Rg = 0Ω, BPF = IHF-A
Slew Rate RC
Vtr
2
4
-
V/μS
Voltage Gain TP
Gvtp
44
46
48
dB
f=10kHz
Maximum Output Voltage TP
Vomtp
2.2
2.5
-
Vrms
THD=1%, BPF=400~30kHz
Input conversion Noise Voltage TP
Vnotp
-
1.1
2.0
μVrms
Rg=2.2kΩ, BPF=IHF-A, Gv=20dB
Volume Maximum Input Voltage
Vimv
1.5
1.9
Vrms
THD(Vout)=1%, BPF=400~30kHz
Front Volume ATT=-6dB
Rear Volume ATT=-18dB
Volume Input Impedance
Rvin
14
20
26
Volume Control Range
Vr
-79
-76
-73
dB
BPF = IHF-A
Volume Control Step 1
Sv1
-
2
-
dB
0dB to
–36dB
Volume Control Step 2
Sv2
-
4
-
dB
-36dB to
–76dB
Volume Setting Error F
Evf
-2
0
2
dB
0dB to
–76dB
Volume Maximum Attenuation *
ATTm
-116
-90
dB
Volume = -∞, BPF = IHF-A
ATT=20log(Vout/Vin)-18dB
Volume Control Range
RVr
-20
-18
-16
dB
BPF=400~30kHz
Volume Setting Error R
Evrr
-2
0
2
dB
All steps


유사한 부품 번호 - BD3882FV_11

제조업체부품명데이터시트상세설명
logo
Rohm
BD3882FV ROHM-BD3882FV Datasheet
333Kb / 3P
   Sound processor for radio cassette recorder and mini component stereo
BD3882FV ROHM-BD3882FV Datasheet
260Kb / 6P
   Audio sound controller
More results

유사한 설명 - BD3882FV_11

제조업체부품명데이터시트상세설명
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com