전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD3886FS 데이터시트(PDF) 1 Page - Rohm

부품명 BD3886FS
상세설명  Silicone monolithic integrated circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD3886FS 데이터시트(HTML) 1 Page - Rohm

  BD3886FS_11 Datasheet HTML 1Page - Rohm BD3886FS_11 Datasheet HTML 2Page - Rohm BD3886FS_11 Datasheet HTML 3Page - Rohm BD3886FS_11 Datasheet HTML 4Page - Rohm BD3886FS_11 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
REV. B
Structure
Silicone monolithic integrated circuit
Product name
Audio sound processor for TV
Model Type
BD3886FS
●Features
1.Built-in BBE processor clarifying voice sound
2.I
2C BUS control with the control voltage of 3.3V-5.0V
3.Use the Bi-CMOS process
●Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Applied Voltage
VCC
10.0
V
Input Voltage
VIN
VCC+0.3~GND-0.3
V
Power Dissipation
Pd
1190*1
mW
Operating Temperature
Topr
-40~+85 *2
°C
Storage Temperature
Tastg
-55~+150
°C
*1 At Ta=25°C or higher, this value is decreaced to 9.5mW/°C.
When Rohm standard board is mounted. Thermal resistance
ja = 105 (°C/W).
Rohm standard board:
size: 70×70×1.6 (mm
3)
material: FR4 glass-epoxy substrate (copper foil area: not more than 3%).
*2 As long as voltage stays within operating voltage range, certain circuit operation is guaranteed in the
operating temperature range.
Allowable loss conditions are related to temperature, to which care must be taken.
In addition though the standard value of its electrical characteristics cannot be guaranteed under the
conditions other than those specified, original functions are maintained.
●Operating Voltage Range
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage *3
VCC
7.0
9.0
9.5
V
Basic operation shall be available at Ta=25°C.
*3 As long as temperature components must be set in accordance with the operating voltage and temperature
ranges before using this IC.
In addition, though the standard value of its electrical characteristics cannot be guaranteed under the
conditions other than those specified, original functions are maintained.
■ License Agreements for Patent and Trade Mark
BBE is the trade mark of BBE Sound Inc. The supply and sales of BD3886FS is limited to the parties to which the use of Patents and Trade Marks
is permitted. For the inquiry for the use right of trade mark and patent, contract BBE Inc. directly at the following address.
BBE Sound Area Manager (Japan), Mr. Tetsuro Sato
1-29-5-502 Higashi Ayase, Adachiku, Tokyo Telephone: 03-5697-4280, Fax: 03-5697-4281


유사한 부품 번호 - BD3886FS_11

제조업체부품명데이터시트상세설명
logo
Rohm
BD3886FS ROHM-BD3886FS Datasheet
198Kb / 6P
   Audio sound processor for TV
More results

유사한 설명 - BD3886FS_11

제조업체부품명데이터시트상세설명
logo
Rohm
BD3884FS ROHM-BD3884FS_11 Datasheet
140Kb / 5P
   Silicone monolithic integrated circuit
BD3869AF ROHM-BD3869AF_11 Datasheet
161Kb / 5P
   Silicone monolithic integrated circuit
logo
List of Unclassifed Man...
U2531B ETC1-U2531B Datasheet
269Kb / 1P
   Monolithic Integrated Circuit
logo
TEMIC Semiconductors
U2841B TEMIC-U2841B Datasheet
112Kb / 9P
   Monolithic Integrated Circuit
logo
Vishay Telefunken
TBA810S TFUNK-TBA810S Datasheet
642Kb / 5P
   Monolithic Integrated Circuit
logo
List of Unclassifed Man...
TDA1062S ETC1-TDA1062S Datasheet
377Kb / 7P
   MONOLITHIC INTEGRATED CIRCUIT
U418B ETC1-U418B Datasheet
320Kb / 6P
   MONOLITHIC INTEGRATED CIRCUIT
logo
Vishay Telefunken
TBA540 TFUNK-TBA540 Datasheet
292Kb / 6P
   Monolithic Integrated Circuit
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com