전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD3886FS 데이터시트(PDF) 3 Page - Rohm

부품명 BD3886FS
상세설명  Silicone monolithic integrated circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD3886FS 데이터시트(HTML) 3 Page - Rohm

  BD3886FS Datasheet HTML 1Page - Rohm BD3886FS Datasheet HTML 2Page - Rohm BD3886FS Datasheet HTML 3Page - Rohm BD3886FS Datasheet HTML 4Page - Rohm BD3886FS Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
REV. B
●Dimensional outline drawing
SSOP-A32 (Unit : mm)
●Block diagram
BD3886FS
LOT No.
30
29
31
32
24
23
25
26
27
28
18
17
19
20
21
22
15
16
14
13
12
11
10
9
8
7
6
5
4
3
2
1
B2
C2
67k
8k
67k
TREBLE
CH1
BBE
CH1
LINE2
LINE1
OUT2
OUT1
TNF2
BASS
CH2
BASS
CH1
BOUT2
BNF2
BOUT1
BNF1
TNF1
HF2
LF2
LF1
HF1
VIN2
VIN1
SEL1
SEL2
LS
CAP1
B1
C1
AGC
TREBLE
CH2
IIC BUS
Logic
SCL
SDA
VCC
CAP2
GND
BBE
CH2
0 dB
0 dB
Treble
-14
~14dB
2dB step
Bass
-14
~14dB
2dB step
SURROUND
(Fixed Effect Amount)
RearVol
0
~-20dB 2dB step
-25, -30, -45, -60, -
∞dB
With soft switch
4 suppression level variable
FrontVol
0
~-87dB ,-∞dB
1dB step
A1
11k
A2
11k
89k
89k
VCC/2
VCC
FIL
67k
8k
8k
67k
BBE
Contour: 1, 2, 3, 4, 5, 6,
8, 10dB
Process: 1, 2, 3, 4, 5, 6,
8, 10dB
8k
50k
50k


유사한 부품 번호 - BD3886FS

제조업체부품명데이터시트상세설명
logo
Rohm
BD3886FS ROHM-BD3886FS Datasheet
198Kb / 6P
   Audio sound processor for TV
More results

유사한 설명 - BD3886FS

제조업체부품명데이터시트상세설명
logo
Rohm
BD3884FS ROHM-BD3884FS_11 Datasheet
140Kb / 5P
   Silicone monolithic integrated circuit
BD3869AF ROHM-BD3869AF_11 Datasheet
161Kb / 5P
   Silicone monolithic integrated circuit
logo
List of Unclassifed Man...
U2531B ETC1-U2531B Datasheet
269Kb / 1P
   Monolithic Integrated Circuit
logo
TEMIC Semiconductors
U2841B TEMIC-U2841B Datasheet
112Kb / 9P
   Monolithic Integrated Circuit
logo
Vishay Telefunken
TBA810S TFUNK-TBA810S Datasheet
642Kb / 5P
   Monolithic Integrated Circuit
logo
List of Unclassifed Man...
TDA1062S ETC1-TDA1062S Datasheet
377Kb / 7P
   MONOLITHIC INTEGRATED CIRCUIT
U418B ETC1-U418B Datasheet
320Kb / 6P
   MONOLITHIC INTEGRATED CIRCUIT
logo
Vishay Telefunken
TBA540 TFUNK-TBA540 Datasheet
292Kb / 6P
   Monolithic Integrated Circuit
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com