전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD4153FV 데이터시트(PDF) 6 Page - Rohm

부품명 BD4153FV
상세설명  Power Switch ICs for ExpressCard
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD4153FV 데이터시트(HTML) 6 Page - Rohm

Back Button BD4153FV_10 Datasheet HTML 2Page - Rohm BD4153FV_10 Datasheet HTML 3Page - Rohm BD4153FV_10 Datasheet HTML 4Page - Rohm BD4153FV_10 Datasheet HTML 5Page - Rohm BD4153FV_10 Datasheet HTML 6Page - Rohm BD4153FV_10 Datasheet HTML 7Page - Rohm BD4153FV_10 Datasheet HTML 8Page - Rohm BD4153FV_10 Datasheet HTML 9Page - Rohm BD4153FV_10 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
BD4153FV,BD4153EFV
Technical Note
6/17
www.rohm.com
2010.04 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Block Diagram
1.5V/625mA
3.3V AUX/275mA
OC_DELAY
V3_IN1
SYSR
V3_IN
V3AUX_IN
UVLO
CPPE#
CPUSB#
VCC
SS_V3
V15_IN1
V15-2
Input
logic
Reference
Block
V3AUX_IN
SS_V3AUX
SS_V15
V15_IN
Under
voltage
lock out
VD
V3_IN,V3AUX_IN,V15
V3,V3AUX,V15
3.3V/1.30A
GND
Pump
Charge
protection
Thermal
TSD
EN
VCC
VD
VD
V3-2
V3AUX
PERST#
V3AUX_IN
3.3V
TSD,CL,UVLO
V3-1
Power
good
TSD,CL,UVLO
TSD,CL,UVLO_AUX
PERST#_DELAY
CL
OC
V3_IN2
V15_IN2
V15-1
PERST_IN#
EN,SYSR,CPUSB#,CPPE#
1.5V
UVLO_AUX
3.3V
VCC
21
22
2
20
6
17
18
11
12
10
16
24
23
14
15
13
7
19
9
8
5
4
3
1


유사한 부품 번호 - BD4153FV_10

제조업체부품명데이터시트상세설명
logo
Rohm
BD4153FV ROHM-BD4153FV_09 Datasheet
689Kb / 18P
   Power Switch ICs for ExpressCardTM
More results

유사한 설명 - BD4153FV_10

제조업체부품명데이터시트상세설명
logo
Rohm
BD4153EFV ROHM-BD4153EFV Datasheet
295Kb / 6P
   Power switch for ExpressCard
BD4154FV ROHM-BD4154FV Datasheet
381Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV Datasheet
275Kb / 6P
   Power switch for ExpressCard
BD4155FV ROHM-BD4155FV Datasheet
399Kb / 6P
   Power switch for ExpressCard
BD4154FV ROHM-BD4154FV_10 Datasheet
438Kb / 16P
   Power Switch IC for ExpressCard
BD4155FV ROHM-BD4155FV_10 Datasheet
473Kb / 17P
   Power Switch IC for ExpressCard
logo
Nuvoton Technology Corp...
W83L351YG NUVOTON-W83L351YG Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
W83L351 NUVOTON-W83L351 Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
logo
Texas Instruments
TPS2236 TI-TPS2236 Datasheet
953Kb / 26P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
logo
Winbond
W83L351 WINBOND-W83L351 Datasheet
1Mb / 33P
   ExpressCard??Power Interface Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com