전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2052AFJ 데이터시트(PDF) 9 Page - Rohm

부품명 BD2052AFJ
상세설명  2ch High Side Switch ICs for USB Devices and Memory Cards
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2052AFJ 데이터시트(HTML) 9 Page - Rohm

Back Button BD2052AFJ Datasheet HTML 5Page - Rohm BD2052AFJ Datasheet HTML 6Page - Rohm BD2052AFJ Datasheet HTML 7Page - Rohm BD2052AFJ Datasheet HTML 8Page - Rohm BD2052AFJ Datasheet HTML 9Page - Rohm BD2052AFJ Datasheet HTML 10Page - Rohm BD2052AFJ Datasheet HTML 11Page - Rohm BD2052AFJ Datasheet HTML 12Page - Rohm BD2052AFJ Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
BD6512F,BD6513F,BD6516F,BD6517F,BD2042AFJ,BD2052AFJ
Technical Note
9/20
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
0
20
40
60
80
100
120
234
56
SUPPLY VOLTAGE : VDD[V]
Ta=25ºC
Reference data
BD6516F/ BD6517F
Fig.25 Operating current
Fig.26 Operating current
Fig.27 CTRL input voltage
(BD6516F)
Fig.28 CTRL input voltage
(BD6516F)
Fig.29 CTRL input voltage
(BD6517F)
Fig.30 CTRL input voltage
(BD6517F)
0
20
40
60
80
100
120
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VDD=5.0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
23
4
56
SUPPLY VOLTAGE : VDD[V]
Ta=25ºC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VDD=5.0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
23
45
6
SUPPLY VOLTAGE : VDD[V]
Ta=25ºC
Low to High
High to Low
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VDD=5.0V
Low to High
High to Low
0
50
100
150
200
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
Fig.31 ON resistance
Fig.32 ON resistance
0
50
100
150
200
23456
SUPPLY VOLTAGE : VDD[V]
Ta=25ºC
VDD=3.3V
VDD=5.0V
Fig.33 Output rise time
0
1000
2000
3000
4000
23
45
6
SUPPLY VOLTAGE : VDD[V]
Ta=25ºC
0
1000
2000
3000
4000
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
0
1000
2000
3000
4000
23
456
SUPPLY VOLTAGE : VDD[V]
0
1000
2000
3000
4000
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
Fig.34 Output rise time
Fig.35 Output rise delay time
Fig.36 Output rise delay time
VDD=3.3V
VDD=5.0V
Ta=25ºC
VDD=3.3V
VDD=5.0V


유사한 부품 번호 - BD2052AFJ

제조업체부품명데이터시트상세설명
logo
Rohm
BD2052AFJ ROHM-BD2052AFJ Datasheet
215Kb / 6P
   High-Side Switch
BD2052AFJ-E2 ROHM-BD2052AFJ-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2052AFJ-E2 ROHM-BD2052AFJ-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
More results

유사한 설명 - BD2052AFJ

제조업체부품명데이터시트상세설명
logo
Rohm
BD2062FJ ROHM-BD2062FJ_11 Datasheet
331Kb / 17P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2062FJ-LB ROHM-BD2062FJ-LB Datasheet
535Kb / 25P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2046AFJ ROHM-BD2046AFJ_11 Datasheet
394Kb / 14P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82061FVJ ROHM-BD82061FVJ_11 Datasheet
399Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ ROHM-BD82000FVJ_11 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2045AFJ ROHM-BD2045AFJ_11 Datasheet
334Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com