전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD19914MUV 데이터시트(PDF) 4 Page - Rohm

부품명 BD19914MUV
상세설명  Silicon monolithic IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD19914MUV 데이터시트(HTML) 4 Page - Rohm

  BD19914MUV Datasheet HTML 1Page - Rohm BD19914MUV Datasheet HTML 2Page - Rohm BD19914MUV Datasheet HTML 3Page - Rohm BD19914MUV Datasheet HTML 4Page - Rohm BD19914MUV Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
REV. A
NOTES ON USE
1. Notes for printed pattern board
・PVCC1, PVCC2, AVCC and CSWI must be connected to power supply on the board.
・PGND1, PGND2, PGND3 and AGND must be connected to GND on the board.
・Please wire with wide, short and keep low impedance for the PVCC1, PVCC2 and AVCC connection.
・Please wire with wide, short and keep low impedance for the PGND1, PGND2, PGND3 and AGND connection.
・Please extract the output of DC-to-DC converter from both ends of capacitor connected to VDCO1, VDCO2 and VDCO3.
・The characteristics of DC-to-DC converter is influenced by surrounding, components and board pattern design. Consider the
effects from surroundings while designing.
2. Notes for external parts
・Use low ESR ceramic capacitor between PVCC1(PVCC2) and PGND1(PGND2). Place the capacitor right next to the IC pins.
・Please wire AGND independently from the GND side of bi-pass capacitor.
・Please use parts recommended by this specification and place external parts such as inductors and capacitors right next to the IC pins.
Especially, please use wide and short wire in the part where a large current flows.
3. Notes for SELDCO1 terminal, SELSQ terminal and SELRST terminal
・Please connect these terminal to the power supply or GND, and prohibit switching it after turning on the power supply
(IC in operation).
4. Notes for RESERVE terminal
・Please connect the RESERVE terminal to GND terminal.
5. Notes for Thermal shutdown function
・Thermal shutdown function is activated by the chip temperature achieving 175℃ (typ.). And DC-to-DC converter output will
be turned off (DCSW1=DCSW2=0V, DCSW3=Vcc).
・Main purpose of TSD is to shutting IC down from runaway effect. It is not to compensate or to protect set device. Therefore,
please do not continuously operate the IC after TSD circuit is activated and/or premise operations such that TSD circuit function
being used.
6. Notes for Over-voltage mute function
・Over-voltage mute function is built in this IC. DC-to-DC converter output is turned off (DCSW1=DCSW2=0V, DCSW3=Vcc) when the Vcc
becomes 6.5V (typ.) or higher.
7. Notes for Over current protection function
・Over-current protection circuit is built in to Each outputs terminal except XRESET, VDCO3. Which protects IC from destruction
by abrupt GND short.
8. Notes for load current while start-up
・Keep light Load at each output while start-up.
9. Notes for Absolute maximum ratings
・Even quality control of the product have fun well taken care, however operating above the absolute maximum ratings of supply
voltage and/or operational temperature range may cause decay and destroy the IC. Please make it sure to use the IC within
the operating rage at anytime while designing.
・Operating over the maximum ratings of supply voltage and/or operational temperature may destroy the product. Once destroyed,
open/short mode to specify the defection is impossible. Please have physical countermeasure such as adding fuse etc. If specific mode
such that exceeding the Absolute Maximum ratings is expected.
10. Notes for Terminal to Terminal short / miss-alignment
・While mounting IC on the board, check direction and shift of the IC. If inadequately mounted, IC might destroy.
・Avoid short-circuit of I/O terminals (VDCO1, VDCO2, VDCO3, DCSW1, DCSW2, DCSW3) and Vcc / GND.
If short-circuit of terminals and Vcc /GND is executed, the IC will break down and the smoke may occur.
11. Notes for test of mounted print board
・While connecting capacitor to Low impedance pins, please discharge capacitor by one process by another to prevent stressing the IC.
While mounting and removing the IC to/from the Board in the inspection process, be sure to turn off the power supply at each actions.
Moreover equip ground earth in assembling process for ESD protection and handle with care during the test and/or transportation.
12. Notes for input terminal
・This IC is a monolithic IC, and has P+ isolation and P substrate for the element separation. Therefore, a parasitic PN junction is firmed in
this P-layer and N-layer of each element. For instance, the resistor or the transistor is connected to the terminal as shown in the figure
below. When the GND voltage potential is greater than the voltage potential at Terminals A or B, the PN junction operates as a parasitic
diode. In addition, the parasitic NPN transistor is formed in said parasitic diode and the N layer of surrounding elements close to said
parasitic diode. These parasitic elements are formed in the IC because of the voltage relation. The parasitic element operating causes
the wrong operation and destruction. Therefore, please be careful so as not to operate the parasitic elements by applying lower voltage
than GND (P substrate) to input terminals. Moreover, please apply each input terminal with lower than the power-supply voltage or
equal to the specified range in the guaranteed voltage when the power-supply voltage being applied.
13. Notes for ASO
・Set up the current so as the output Tr not to exceed absolute maximum ratings and ASO while operating the IC.
14. Notes for heat design
・Think about permissible loss(Pd) in an actual state of use, and do the heat design with the margin enough.


유사한 부품 번호 - BD19914MUV

제조업체부품명데이터시트상세설명
logo
Rohm
BD19910MUV ROHM-BD19910MUV Datasheet
145Kb / 5P
   Silicon monolithic IC
BD19915MUV ROHM-BD19915MUV Datasheet
145Kb / 5P
   Silicon monolithic IC
More results

유사한 설명 - BD19914MUV

제조업체부품명데이터시트상세설명
logo
Rohm
BD82000FVJ ROHM-BD82000FVJ Datasheet
162Kb / 5P
   Silicon Monolithic IC
BD82065FVJ ROHM-BD82065FVJ Datasheet
162Kb / 5P
   Silicon Monolithic IC
BU21023GUL ROHM-BU21023GUL Datasheet
717Kb / 8P
   Silicon monolithic IC
BU21018MWV ROHM-BU21018MWV Datasheet
163Kb / 5P
   Silicon Monolithic IC
BD82001FVJ ROHM-BD82001FVJ Datasheet
162Kb / 5P
   Silicon Monolithic IC
BD82061FVJ ROHM-BD82061FVJ Datasheet
181Kb / 5P
   Silicon Monolithic IC
BD6171KV ROHM-BD6171KV Datasheet
1Mb / 31P
   Silicon Monolithic IC
BD19910MUV ROHM-BD19910MUV Datasheet
145Kb / 5P
   Silicon monolithic IC
BU21023MUV ROHM-BU21023MUV Datasheet
395Kb / 4P
   Silicon monolithic IC
BD19915MUV ROHM-BD19915MUV Datasheet
145Kb / 5P
   Silicon monolithic IC
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com