전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU21024GUL-ME2 데이터시트(PDF) 4 Page - Rohm

부품명 BU21024GUL-ME2
상세설명  Resistive Type Touch Screen Controller ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU21024GUL-ME2 데이터시트(HTML) 4 Page - Rohm

  BU21024GUL-ME2 Datasheet HTML 1Page - Rohm BU21024GUL-ME2 Datasheet HTML 2Page - Rohm BU21024GUL-ME2 Datasheet HTML 3Page - Rohm BU21024GUL-ME2 Datasheet HTML 4Page - Rohm BU21024GUL-ME2 Datasheet HTML 5Page - Rohm BU21024GUL-ME2 Datasheet HTML 6Page - Rohm BU21024GUL-ME2 Datasheet HTML 7Page - Rohm BU21024GUL-ME2 Datasheet HTML 8Page - Rohm BU21024GUL-ME2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Technical Note
4/17
www.rohm.com
2011.08 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
BU21023GUL,BU21023MUV,BU21024FV-M
HOST-I/F mode (2-wire serial)
(SCL=SCL_SCK, SDA=SDA_SI)
The 2-wire serial mode presents an I
2C like interface for all practical purposes, but it is not a complete implementation
conforming to the I
2C specification. The BU21023MUV/ BU21023GUL / BU21024FV-M devices can co-exist with other I2C
devices on the same bus. The slave address for 2-wire serial communication is 5Ch or 5Dh. This is determined by the
SEL_CSB pin.
SEL_CSB = “L”
: Slave address = 5Ch
SEL_CSB = “H”
: Slave address = 5Dh
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
SCL clock frequency
fSCL
0
-
400
kHz
START condition hold time
tHD:STA
0.6
-
-
µs
SCL “L”
tLOW
1.3
-
-
µs
SCL “H”
tHIGH
0.6
-
-
µs
Data hold time
tHD:DAT
0.1
-
-
µs
Data setup time
tSU:DAT
0.1
-
-
µs
STOP condition setup time
tSU:STO
0.6
-
-
µs
Write protocol
S
SLAVE ADDRESS
W
A
REGISTER
ADDRESS
A
WRITE DATA
AP
7bit = 5Ch or 5Dh
8bit
8bit
Read protocol
S
SLAVE ADDRESS
W
A
REGISTER
ADDRESS
A
S SLAVE ADDRESS R A
READ DATA
N
P
7bit = 5Ch or 5Dh
8bit
7bit = 5Ch or 5Dh
8bit
from master to slave
S
= START condition
from slave to master
P
= STOP condition
R
= data direction READ (SDA HIGH)
W
= data direction WRITE (SDA LOW)
A
= acknowledge (SDA LOW)
N
= not acknowledge (SDA HIGH)
SDA
SCL
Address
ACK
ACK
ACK
Data
Data
tHD;STA
tSU;STO
tSU;DAT
tHD;DAT
SDA
SCL


유사한 부품 번호 - BU21024GUL-ME2

제조업체부품명데이터시트상세설명
logo
Rohm
BU21024FV ROHM-BU21024FV Datasheet
721Kb / 19P
   Resistive Type Touch Screen Controller ICs
BU21024FV-E2 ROHM-BU21024FV-E2 Datasheet
716Kb / 20P
   Resistive Type Touch Screen Controller ICs
BU21024FV-M ROHM-BU21024FV-M Datasheet
419Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21024FV-M ROHM-BU21024FV-M Datasheet
716Kb / 20P
   Resistive Type Touch Screen Controller ICs
BU21024FV-ME2 ROHM-BU21024FV-ME2 Datasheet
419Kb / 18P
   Resistive Type Touch Screen Controller ICs
More results

유사한 설명 - BU21024GUL-ME2

제조업체부품명데이터시트상세설명
logo
Rohm
BU21023GUL ROHM-BU21023GUL_16 Datasheet
1Mb / 21P
   Resistive Type Touch Screen Controller ICs
BU21024FV-M ROHM-BU21024FV-M_14 Datasheet
716Kb / 20P
   Resistive Type Touch Screen Controller ICs
BU21024FV ROHM-BU21024FV Datasheet
721Kb / 19P
   Resistive Type Touch Screen Controller ICs
BU21024FV-M ROHM-BU21024FV-M Datasheet
419Kb / 18P
   Resistive Type Touch Screen Controller ICs
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_16 Datasheet
2Mb / 61P
   AR1000 Series Resistive Touch Screen Controller
06/23/16
logo
Rohm
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com