전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU24026GU 데이터시트(PDF) 1 Page - Rohm

부품명 BU24026GU
상세설명  Silicon monolithic integrated circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU24026GU 데이터시트(HTML) 1 Page - Rohm

  BU24026GU_11 Datasheet HTML 1Page - Rohm BU24026GU_11 Datasheet HTML 2Page - Rohm BU24026GU_11 Datasheet HTML 3Page - Rohm BU24026GU_11 Datasheet HTML 4Page - Rohm BU24026GU_11 Datasheet HTML 5Page - Rohm BU24026GU_11 Datasheet HTML 6Page - Rohm BU24026GU_11 Datasheet HTML 7Page - Rohm BU24026GU_11 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/7
REV. B
◇Structure
Silicon monolithic integrated circuit
◇Product Series
Lens control LSI
◇Type
BU24026GU
◇Applications
Digital still cameras
◇Functions
・Waveforming circuit (3 channels)
・PI driving circuit (2 channels)
・Driver block (1-6 channels)
: Constant voltage control type H-bridge
・Driver block (7 channel)
: Constant current control type H-bridge
◇Absolute maximum ratings (Ta
 25C)
Parameter
Symbol
Limits
Unit
Remark
Power supply voltage
DVDD
-0.3~4.5
V
MVCC
-0.3~7.0
V
VDDAMP
-0.3~7.0
V
Input voltage
VIN
-0.3~DVDD+0.3
V
Input/output current
IIN
±500
mA
Driver block (by MVCC pin)
+100
mA
by PIOUT pin
Storage temperature range
TSTG
-55~125
Operating temperature range
TOPE
-20~85
Permissible dissipation
PD
1.37
*1
This product is not designed for anti-radiation applications.
*1To use at a temperature higher than Ta=25℃, derate 13.7mW per 1℃.
(At mounting 50 mm × 58 mm × 1.75mm glass epoxy board. )
◇Operating conditions(Ta
 25C)
Parameter
Symbol
Limits
Unit
Remark
Digital power supply voltage
DVDD
2.7~3.6
DVDD≦MVCC
Driver power supply voltage
MVCC
2.7~5.5
Constant current control amplifier
power supply voltage
VDDAMP
2.7~5.5
clock operating frequency
FCLK
1~27.5
MHz
Reference clock


유사한 부품 번호 - BU24026GU_11

제조업체부품명데이터시트상세설명
logo
Rohm
BU24026GU ROHM-BU24026GU Datasheet
189Kb / 5P
   Silicon monolithic integrated circuit
More results

유사한 설명 - BU24026GU_11

제조업체부품명데이터시트상세설명
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com