전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS02-1B66-PA-2000W 데이터시트(PDF) 1 Page - Meder Electronic

부품명 LS02-1B66-PA-2000W
상세설명  LS Level Sensor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MEDER [Meder Electronic]
홈페이지  http://www.meder.com
Logo MEDER - Meder Electronic

LS02-1B66-PA-2000W 데이터시트(HTML) 1 Page - Meder Electronic

  LS02-1B66-PA-2000W Datasheet HTML 1Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
9521712204
Item No.:
Item:
Europe:
USA:
Asia:
LS02-1B66-PA-2000W
LS02-1B71-PA-2000W
+49 / 7731 8399 0
+1 / 508 295 0771
+852 / 2955 1682
| Email: info@meder.com
| Email: salesusa@meder.co
| Email: salesasia@meder.co
Special Product Data
Conditions
Min
Typ
Max
Unit
not to exceed their individual max.'s
Contact rating
DC or Peak AC
operating voltage
DC or Peak AC
operating ampere
DC or Peak AC
Switching current
measured with 40% overdrive
Sensor-resistance
Polyamid
Housing material
black
Case color
Polyurethan
Sealing compound
Environmental data
Conditions
Min
Typ
Max
Unit
Not including cable
Operating temperature
including cable
Operating temperature
Storage temperature
IP68 until thread
DIN EN 60529
safety class
Cable specification
Conditions
Min
Typ
Max
Unit
round cable
Cable typ
PVC
Cable material
0,14 mm²
Cross section
General data
Conditions
Min
Typ
Max
Unit
over 5m cable, a series resistor is recommended.
Mounting advice
Tightening torque
Modifications in the sense of technical progress are reserved
29.01.08
BUELTZHOEFFER
ALICHTENSTEIN
02
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
07.03.08
BUELTZHOEFFER
BUELTZHOEFFER
Approval by:
Approval by:
28.02.08
Approval at:
Approval at:
07.03.08


유사한 부품 번호 - LS02-1B66-PA-2000W

제조업체부품명데이터시트상세설명
logo
Standex Electronics, In...
LS02-1B66-PA-2000W STANDEX-LS02-1B66-PA-2000W Datasheet
120Kb / 1P
   LS02 Series Liquid Level Sensor
Ver.08
logo
Meder Electronic
LS02-1B66-PA-2000W_DE MEDER-LS02-1B66-PA-2000W_DE Datasheet
75Kb / 1P
   (deutsch) LS Level Sensor
More results

유사한 설명 - LS02-1B66-PA-2000W

제조업체부품명데이터시트상세설명
logo
Meder Electronic
LS01-1B85-PP-5000W MEDER-LS01-1B85-PP-5000W Datasheet
130Kb / 1P
   LS Level Sensor
LS02-1A66-PP-5000W MEDER-LS02-1A66-PP-5000W Datasheet
55Kb / 1P
   LS Level Sensor
LS02-1A85-PA-1500W MEDER-LS02-1A85-PA-1500W Datasheet
61Kb / 1P
   LS Level Sensor
LS02-1A85-S-2000W MEDER-LS02-1A85-S-2000W Datasheet
134Kb / 1P
   LS Level Sensor
LS02-1B66-PP-500W MEDER-LS02-1B66-PP-500W Datasheet
55Kb / 1P
   LS Level Sensor
LS02-1B66-PP-1000W MEDER-LS02-1B66-PP-1000W Datasheet
55Kb / 1P
   LS Level Sensor
LS02-1B84-PA-1500W MEDER-LS02-1B84-PA-1500W Datasheet
56Kb / 1P
   LS Level Sensor
LS02-1B85-PA-1500W MEDER-LS02-1B85-PA-1500W Datasheet
61Kb / 1P
   LS Level Sensor
LS02-1B85-PP-5000W MEDER-LS02-1B85-PP-5000W Datasheet
113Kb / 1P
   LS Level Sensor
LS03-1A66-PP-4000W MEDER-LS03-1A66-PP-4000W Datasheet
127Kb / 1P
   LS Level Sensor
LS03-1A66-PP-5000W MEDER-LS03-1A66-PP-5000W Datasheet
128Kb / 1P
   LS Level Sensor
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com