전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMY1A 데이터시트(PDF) 4 Page - Rohm

부품명 FMY1A
상세설명  Emitter common (dual transistors)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

FMY1A 데이터시트(HTML) 4 Page - Rohm

  FMY1A Datasheet HTML 1Page - Rohm FMY1A Datasheet HTML 2Page - Rohm FMY1A Datasheet HTML 3Page - Rohm FMY1A Datasheet HTML 4Page - Rohm FMY1A Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EMY1 / UMY1N / FMY1A
Transistors
Rev.A
4/4
0.2
20
10
0.5
1
2
5
10 20
50 100 200
50
100
200
500
VCE=5V
3V
1V
Ta=25˚C
COLLECTOR CURRENT : IC
(mA)
Fig.13 DC current gain vs. collector
current ( I )
0.2
0.5
1
2
5
10 20
50 100 200
20
10
50
100
200
500
25˚C
−55˚C
Ta=100˚C
VCE
=5V
COLLECTOR CURRENT : IC
(mA)
Fig.14 DC current gain vs. collector
current ( II )
0.2
0.01
0.02
0.05
0.1
0.2
0.5
0.5
1
2
5
10
20
50 100 200
IC/IB=50
20
10
Ta=25˚C
COLLECTOR CURRENT : IC
(mA)
Fig.15 Collector-emitter saturation
voltage vs. collector current ( I )
0.2
0.01
0.02
0.05
0.1
0.2
0.5
0.5
1
2
5
10
20
50 100 200
IC/IB=10
Ta=100˚C
25˚C
−55˚C
COLLECTOR CURRENT : IC
(mA)
Fig.16 Collector-emitter saturation
voltage vs. collector current ( II )
0.2
0.01
0.02
0.05
0.1
0.2
0.5
0.5
1
2
5
10
20
50 100
IC/IB=50
Ta=100˚C
25˚C
−55˚C
COLLECTOR CURRENT : IC
(mA)
Fig.17 Collector-emitter saturation
voltage vs. collector current ( III )
50
−0.5 −1
−2
−5
−10 −20
−50 −100
100
200
500
Ta=25˚C
VCE
=6V
EMITTER CURRENT : IE
(mA)
Fig.18 Gain bandwidth product vs.
emitter current
0.2
0.5
1
2
5
10
20
50
1
2
5
10
20
Cib
Cob
COLLECTOR TO BASE VOLTAGE : VCB
(V)
EMITTER TO BASE VOLTAGE
: VEB
(V)
Fig.19 Collector output capacitance vs.
collector-base voltage
Emitter input capacitance vs.
emitter-base voltage
Ta=25˚C
f
=1MHz
IE
=0A
IC
=0A
−0.2
−0.5
−1
−2
−5
−10
10
20
50
100
200
EMITTER CURRENT : IE
(mA)
Fig.20 Base-collector time constant vs.
emitter current
Ta=25
˚C
f=32MHZ
VCB=6V


유사한 부품 번호 - FMY1A

제조업체부품명데이터시트상세설명
logo
Rohm
FMY1A ROHM-FMY1A Datasheet
98Kb / 5P
   Emitter common (dual transistors)
FMY1A ROHM-FMY1A Datasheet
88Kb / 5P
   Emitter common (dual transistors)
FMY1A ROHM-FMY1A Datasheet
88Kb / 5P
   Emitter common (dual transistors)
logo
Guangdong Kexin Industr...
FMY1A KEXIN-FMY1A Datasheet
346Kb / 5P
   Emitter Common
logo
Rohm
FMY1AT148 ROHM-FMY1AT148 Datasheet
88Kb / 5P
   Emitter common (dual transistors)
More results

유사한 설명 - FMY1A

제조업체부품명데이터시트상세설명
logo
Rohm
UMY1NTR ROHM-UMY1NTR Datasheet
88Kb / 5P
   Emitter common (dual transistors)
FMW1T148 ROHM-FMW1T148 Datasheet
115Kb / 3P
   Emitter common (dual transistors)
FMY1AT148 ROHM-FMY1AT148 Datasheet
88Kb / 5P
   Emitter common (dual transistors)
EMY1 ROHM-EMY1 Datasheet
98Kb / 5P
   Emitter common (dual transistors)
EMA11 ROHM-EMA11 Datasheet
61Kb / 2P
   Emitter common (dual digital transistors)
FMG9A ROHM-FMG9A Datasheet
76Kb / 2P
   Emitter common (dual digital transistors)
EMA5 ROHM-EMA5 Datasheet
1Mb / 11P
   Emitter common Dual digital transistors
UMA2N ROHM-UMA2N Datasheet
73Kb / 3P
   Emitter common (dual digital transistors)
UMG2N ROHM-UMG2N Datasheet
71Kb / 3P
   Emitter common (dual digital transistors)
FMG5A ROHM-FMG5A Datasheet
72Kb / 4P
   Emitter common (dual digital transistors)
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com