전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KD2003-DC72A 데이터시트(PDF) 1 Page - Rohm

부품명 KD2003-DC72A
상세설명  Thick film thermal printhead (with thermal historical control)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

KD2003-DC72A 데이터시트(HTML) 1 Page - Rohm

  KD2003-DC72A Datasheet HTML 1Page - Rohm KD2003-DC72A Datasheet HTML 2Page - Rohm KD2003-DC72A Datasheet HTML 3Page - Rohm KD2003-DC72A Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.01 - Rev.A
Thick film thermal printhead (with thermal historical control)
KD2003-DC72A
DC72 series has our own internally developed heat-history control function.
This product is best suited for applications which require 24 hours operation like factory production lines.
Applications
High speed label printer
High speed bar code printer
High speed ticket printer
Various high speed terminal printers
Features
1) Newly developed thick-film fast response thermal element and driver LSI with the function of thermal history control which is
added the future history control are employed for this series. It is possible to print with super high speed of 10 inches / s or 250
mm / s.
2) 150km life realized by attributing durable new protection film.
3) New partial glaze construction makes it compatible with the thermal transfer application.
Dimensions (Unit : mm)
Max.12
80(Effective Print Width)
20±0.2
DOT #640
40±0.3
20±0.3
20.5±0.3
60.5±0.3
91
Dot #1
Dot #640
Max.5.5
6.1±0.4
(5)
LABEL
φ3H10 (Effective Depth 3)
3-M3(Effective Depth 3)
φ3H10 Length 4 (Effective Depth 3)
#1
#6
#20
#19
CONNECTOR B
#1
#2
CONNECTOR A


유사한 부품 번호 - KD2003-DC72A

제조업체부품명데이터시트상세설명
logo
Rohm
KD2003-DC70A ROHM-KD2003-DC70A Datasheet
60Kb / 4P
   Thick film thermal printhead (with thermal historical control)
More results

유사한 설명 - KD2003-DC72A

제조업체부품명데이터시트상세설명
logo
Rohm
KF3002-GM50A ROHM-KF3002-GM50A Datasheet
81Kb / 4P
   Thick film thermal printhead (with thermal historical control)
KF3003-GM50A ROHM-KF3003-GM50A Datasheet
83Kb / 4P
   Thick film thermal printhead (with thermal historical control)
KD3002-DC72A ROHM-KD3002-DC72A Datasheet
123Kb / 4P
   Thick film thermal printhead (with thermal historical control)
KD3003-DC72A ROHM-KD3003-DC72A Datasheet
134Kb / 4P
   Thick film thermal printhead (with thermal historical control)
KF3006-GM50A ROHM-KF3006-GM50A Datasheet
88Kb / 6P
   Thick film thermal printhead (with thermal historical control)
KD3004-DC70A ROHM-KD3004-DC70A Datasheet
61Kb / 4P
   Thick film thermal printhead (with thermal historical control)
KD3002-DC70A ROHM-KD3002-DC70A Datasheet
60Kb / 4P
   Thick film thermal printhead (with thermal historical control)
KF2004-GM50A ROHM-KF2004-GM50A Datasheet
71Kb / 3P
   Thick film thermal printhead (with thermal historical control)
KD2002-DC70A ROHM-KD2002-DC70A Datasheet
60Kb / 4P
   Thick film thermal printhead (with thermal historical control)
KD2003-DC70A ROHM-KD2003-DC70A Datasheet
60Kb / 4P
   Thick film thermal printhead (with thermal historical control)
KF2002-GM50A ROHM-KF2002-GM50A Datasheet
81Kb / 4P
   Thick film thermal printhead (with thermal historical control)
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com