전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB-302VP 데이터시트(PDF) 2 Page - Rohm

부품명 LB-302VP
상세설명  High efficiency, two-digit numeric displays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

LB-302VP 데이터시트(HTML) 2 Page - Rohm

  LB-302VP Datasheet HTML 1Page - Rohm LB-302VP Datasheet HTML 2Page - Rohm LB-302VP Datasheet HTML 3Page - Rohm LB-302VP Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/3
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.04 - Rev.B
Data Sheet
LB-302FP Series
Internal circuit schematic (example of common cathode)
3
a
9
b
8
c
6
d
7
e
4
f
1
g
2
D.P
10 Dig.1
5 Dig.2
Pin No.
Pin No.
Absolute maximum ratings (Ta = 25
C)
Parameter
Symbol
Red
Unit
LB-302VF / VP
LB-302MF / MP
800
50
15
60∗
5
mW
mW
mA
mA
V
°C
°C
PD
PD / seg
IF
IFP
VR
Topr
Tstg
Power dissipation
Power dissipation
Forward current
Peak forward current
Reverse voltage
Operating temperature
Storage temperature
Green
960
60
20
60∗
5
−25 to +75
−30 to +85
Pulse width 1ms duty 1 / 5
Electrical and optical characteristics (Ta = 25
C)
Parameter
Symbol
Red
Green
Unit
Conditions
Min.
Typ. Max.
V
μA
nm
nm
2.8
2.0
650
40
100
−−
Min.
Typ. Max.
2.8
2.1
563
40
100
−−
IF
= 10mA
VR
= 5V
IF
= 10mA
IF
= 10mA
VF
IR
λP
Δλ
Forward voltage
Reverse current
Peak wavelength
Spectral line half width
Not designed for radiation resistance.
Luminous intensity
Unit
Min.
Typ.
Max.
Color
λP
Type
Red
Green
650
563
LB-302VF / VP
LB-302MF / MP
2.2
6.3
mcd
3.6
9.0
mcd
Note : Measured at IF = 10mA


유사한 부품 번호 - LB-302VP

제조업체부품명데이터시트상세설명
logo
Rohm
LB-302VP ROHM-LB-302VP Datasheet
70Kb / 3P
   High efficiency, two-digit numeric displays
LB-302VP ROHM-LB-302VP Datasheet
395Kb / 5P
   High efficiency, two-digit numeric displays
More results

유사한 설명 - LB-302VP

제조업체부품명데이터시트상세설명
logo
Rohm
LB-302FP ROHM-LB-302FP Datasheet
58Kb / 2P
   High efficiency, two-digit numeric displays
LB-502DN ROHM-LB-502DN_17 Datasheet
350Kb / 5P
   High efficiency, two-digit numeric displays
LB-502DN ROHM-LB-502DN Datasheet
61Kb / 2P
   High efficiency, two-digit numeric displays
LB-602VK2 ROHM-LB-602VK2 Datasheet
62Kb / 2P
   High efficiency, two-digit numeric displays
LB-402DN ROHM-LB-402DN_1 Datasheet
51Kb / 3P
   High efficiency, two-digit numeric displays
LB-302FP ROHM-LB-302FP_1 Datasheet
70Kb / 3P
   High efficiency, two-digit numeric displays
LB-202BL ROHM-LB-202BL Datasheet
60Kb / 2P
   High efficiency, two-digit numeric displays
LB-402FP ROHM-LB-402FP Datasheet
58Kb / 2P
   High efficiency, two-digit numeric displays
LB-602AK2 ROHM-LB-602AK2 Datasheet
60Kb / 2P
   High efficiency, two-digit numeric displays
LB-402DN ROHM-LB-402DN_11 Datasheet
945Kb / 4P
   High efficiency, two-digit numeric displays
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com