전자부품 데이터시트 검색엔진 |
|
LM2902KVQDR 데이터시트(PDF) 2 Page - Rohm |
|
LM2902KVQDR 데이터시트(HTML) 2 Page - Rohm |
2 / 18 page Technical Note 2/17 LM358DR/PWR/DGKR,LM2904DR/PWR/DGKR/VQDR/VQPWR LM324DR/PWR/KDR,LM2902DR/PER/KDR/KPWR/KVQDR/KVQPWR www.rohm.com 2011.06 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. ● Absolute Maximum Ratings (Ta=25[℃]) Parameter Symbol Ratings Unit LM358 family LM324 family LM2904 family LM2902 family LM2904V family LM2902V family Supply Voltage Vcc-GND +32 +26 +32 V Operating Temperature Range Topr 0 to +70 -40 to +125 ℃ Storage Temperature Range Tstg -65 to +150 ℃ Input Common-mode Voltage VICM -0.3 to +32 -0.3 to +26 -0.3 to +32 V Maximum Junction Temperature Tjmax 150 ℃ ● Electric Characteristics ○ LM358,LM324 family (Unless otherwise specified, Vcc=+5[V]) Parameter Symbol Temperature range Limits Unit Conditions Fig. No LM358 family LM324 family Min. Typ. Max. Min. Typ. Max. Input Offset Voltage (*1) VIO 25℃ - 3 7 - 3 7 mV VO=1.4[V] VIC=VICR(min) Vcc=5[V] to 30[V] 98 Full range - - 9 - - 9 Input Offset Voltage Drift αVIO - - 7 - - - - μV/℃ - - Input Offset Current (*1) IIO 25℃ - 2 50 - 2 50 nA VO=1.4[V] 98 Full range - - 150 - - 150 Input Offset Current Drift αIIO - - 10 - - - - pA/℃ - - Input Bias Current (*1) IIB 25℃ - 20 250 - 20 250 nA VO=1.4[V] 98 Full range - - 500 - - 500 Input Common-modeVoltage Range VICR 25℃ 0 - Vcc -1.5 - - Vcc -1.5 V Vcc=5[V] to 30[V] 98 Full range 0 - Vcc -2.0 - - Vcc -2.0 High Level Output Voltage VOH 25℃ Vcc -1.5 - - Vcc -1.5 - - V RL≧2[kΩ] 99 Full range 27 28 - 27 28 - Vcc=30[V],RL≧10[kΩ] Low Level Output Voltage VOL Full range - 5 20 - 5 20 mV RL≦10[kΩ] 98 Large Signal Voltage Gain AVD 25℃ 25 100 - 25 100 - V/mV Vcc=15[V] VO=1[V] to 11[V] RL≧2[kΩ] 98 Common-mode Rejection Ratio CMRR 25℃ 65 80 - 65 80 - dB Vcc=5[V] to 30[V], VIC=VICR(min) 98 Supply-Voltage rejection ratio KSVR 25℃ 65 100 - 65 100 - dB Vcc=5[V] to 30[V] 98 Cross-talk Attenuation VO1/VO2 25℃ - 120 - - 120 - dB f=1[kHz] to 20[kHz] 101 Output Current (*2) Source 25℃ 20 30 - 20 30 - mA Vcc=15[V],VO=0[V] VID=1[V] 99 Full range 10 - - 10 - - Sink 25℃ 10 20 - 10 20 - mA Vcc=15[V],VO=0[V] VID=-1[V] Full range 2 - - 2 - - 25℃ 12 30 - 12 30 - μA VO=200[mV],VID=-1[V] Supply Current (All Amps) ICC Full range - 0.7 1.2 - 0.7 1.2 mA VO=2.5[V],No Load 99 Full range - 1 2 - 1.4 3 Vcc=30[V],VO=0.5[V] No Load Slew Rate at Unity-Gain SR 25℃ - 0.3 - - 0.5 - V/μs RL=1[MΩ],CL=30[pF] VI=±10[V] Vcc=15[V],GND=-15[V] (reference to Fig100) 99 Unity Gain Bandwidth B1 25℃ - 0.7 - - 1.2 - MHz RL=1[MΩ],CL=20[pF] Vcc=15[V],GND=-15[V] (reference to Fig99) 99 Equivalent Input Noise Voltage Vn 25℃ - 40 - - 35 - Hz nV/ Vcc=15[V],GND=-15[V] RS=100[Ω],VI=0[V] f=1[kHz](reference to Fig99) 99 (*1) Absolute value (*2) Under high temperature, consider the power dissipation of IC when selecting the output current. When the output terminal is continuously shorted, the output current reduces the temperature inside the IC by flushing. |
유사한 부품 번호 - LM2902KVQDR |
|
유사한 설명 - LM2902KVQDR |