전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM358WDR 데이터시트(PDF) 1 Page - Rohm

부품명 LM358WDR
상세설명  SIGNATURE SERIES Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

LM358WDR 데이터시트(HTML) 1 Page - Rohm

  LM358WDR Datasheet HTML 1Page - Rohm LM358WDR Datasheet HTML 2Page - Rohm LM358WDR Datasheet HTML 3Page - Rohm LM358WDR Datasheet HTML 4Page - Rohm LM358WDR Datasheet HTML 5Page - Rohm LM358WDR Datasheet HTML 6Page - Rohm LM358WDR Datasheet HTML 7Page - Rohm LM358WDR Datasheet HTML 8Page - Rohm LM358WDR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/17
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
General-purpose Operational Amplifiers / Comparators
SIGNATURE SERIES
Operational Amplifiers
LM358DT/PT/ST/WDT/WPT,LM2904DT/PT/ST/WDT/WPT
LM324DT/PT/WDT,LM2902DT/PT/WDT
Description
The Universal Standard family LM358 / 324, LM2904 /
2902 monolithic ICs integrate two independent
op-amps and phase compensation capacitors on a
single chip
and feature high-gain, low power consumption, and
an operating voltage range of 3[V] to 32[V]
(single power supply.)
Features
1) Operating temperature range
Commercial Grade
LM358/324 family
:
0[℃] to + 70[℃]
Extended Industrial Grade
LM2904/2902 family : -40[℃] to +125[℃]
2) Wide operating supply voltage
+3[V] to +32[V] (single supply)
±
1.5[V] to ±16[V] (dual supply)
3) Low supply current
4) Common-mode input voltage range including ground
5) Differential input voltage range equal to maximum rated supply voltage
6) High large signal voltage gain
7) Wide output voltage range
Pin Assignment
No.11094EBT05
SIGNATURE
SERIES
LM358 family
LM324 family
Quad
LM2904 family
LM2902 family
LM358DT
LM358PT
LM358ST
LM358WDT
LM358WPT
LM324DT
LM324PT
LM324WDT
LM2904DT
LM2904PT
LM2904ST
LM2904WDT
LM2904WPT
Dual
LM2902DT
LM2902PT
LM2902WDT
LM324WDT
LM324DT
TSSOP8
TSSOP14
LM358DT
LM324PT
LM358PT
LM358WPT
LM2902PT
LM358ST
LM358WDT
LM2904DT
LM2904PT
SO package14
SO package8
Mini SO8
LM2904WDT
LM2904WPT
LM2904ST
LM2902DT
LM2902WDT
OUTPUT 1 1
2
3
4
INVERTING
INPUT 1
Vcc
OUTPUT 2
Vcc
8
7
6
5
NON-INVERTING
INPUT 1
NON-INVERTING
INPUT 2
INVERTING
INPUT 2
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUTPUT 1
INVERTING
INPUT 1
Vcc
Vcc
NON-INVERTING
INPUT 1
NON-INVERTING
INPUT 2
INVERTING
INPUT 2
OUTPUT 2
OUTPUT 4
INVERTING
INPUT 4
NON-INVERTING
INPUT 4
NON-INVERTING
INPUT 3
INVERTING
INPUT 3
OUTPUT 3


유사한 부품 번호 - LM358WDR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
LM358WD STMICROELECTRONICS-LM358WD Datasheet
300Kb / 16P
   Low Power Dual Operational Amplifiers
LM358WD STMICROELECTRONICS-LM358WD Datasheet
307Kb / 20P
   Low power dual operational amplifiers
LM358WD STMICROELECTRONICS-LM358WD Datasheet
326Kb / 18P
   Low power dual operational amplifiers
LM358WDT STMICROELECTRONICS-LM358WDT Datasheet
300Kb / 16P
   Low Power Dual Operational Amplifiers
logo
Rohm
LM358WDT ROHM-LM358WDT Datasheet
354Kb / 6P
   SILICON MONNOLITHIC INTEGRATED CIRCUIT
More results

유사한 설명 - LM358WDR

제조업체부품명데이터시트상세설명
logo
Rohm
LM393DT ROHM-LM393DT_11 Datasheet
422Kb / 18P
   SIGNATURE SERIES Comparators
LM393DT ROHM-LM393DT_15 Datasheet
866Kb / 38P
   SIGNATURE SERIES Comparators
LM358DR ROHM-LM358DR Datasheet
797Kb / 18P
   TROPHY SERIES Operational Amplifiers
2011.06 - Rev.B
LM358MX ROHM-LM358MX_11 Datasheet
730Kb / 18P
   NOW SERIES Operational Amplifiers
2011.06 - Rev.C
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com