전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2901PWR 데이터시트(PDF) 11 Page - Rohm

부품명 LM2901PWR
상세설명  TROPHY SERIES Comparators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

LM2901PWR 데이터시트(HTML) 11 Page - Rohm

Back Button LM2901PWR Datasheet HTML 7Page - Rohm LM2901PWR Datasheet HTML 8Page - Rohm LM2901PWR Datasheet HTML 9Page - Rohm LM2901PWR Datasheet HTML 10Page - Rohm LM2901PWR Datasheet HTML 11Page - Rohm LM2901PWR Datasheet HTML 12Page - Rohm LM2901PWR Datasheet HTML 13Page - Rohm LM2901PWR Datasheet HTML 14Page - Rohm LM2901PWR Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Technical Note
11/17
LM393DR/PWR/DGKR,LM2903DR/PWR/DGKR/VQDR/VQPWR
LM339DR/PWR,LM2901DR/PWR/VQDR/VQPWR
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
60
70
80
90
100
110
120
130
140
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
40
60
80
100
120
140
160
0
10
203040
SUPPLY VOLTAGE [V]
60
70
80
90
100
110
120
130
140
0
10203040
SUPPLY VOLTAGE [V]
60
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
-50
-40
-30
-20
-10
0
10
20
30
40
50
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0
25
50
75
100
125
150
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
-6
-4
-2
0
2
4
6
-1
0
123
45
INPUT VOLTAGE [V]
0
1
2
3
4
5
-100
-80
-60
-40
-20
0
OVER DRIVE VOLTAGE [V]
0
1
2
3
4
5
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0
1
2
3
4
5
020
40
60
80
100
OVER DRIVE VOLTAGE [V]
0
1
2
3
4
5
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
Reference Data LM2901 family
Response Time (Low to High)
– Over Drive Voltage
(VCC=5[V],VRL=5[V],RL=5.1[kΩ])
Input Offset Voltage – Input Voltage
(VCC=5V)
LM2901 family
LM2901 family
LM2901 family
LM2901 family
LM2901 family
LM2901 family
LM2901 family
LM2901 family
LM2901 family
LM2901 family
LM2901 family
Power Supply Rejection Ratio
– Ambient Temperature
Common Mode Rejection Ratio
– Supply Voltage
Common Mode Rejection Ratio
– Ambient Temperature
Input Offset Current – Ambient Temperature
Large Signal Voltage Gain
– Supply Voltage
Large Signal Voltage Gain
– Ambient Temperature
Response Time (Low to High)
– Ambient Temperature
(VCC=5[V],VRL=5[V],RL=5.1[kΩ])
Response Time (High to Low)
– Over Drive Voltage
(VCC=5[V],VRL=5[V],RL=5.1[kΩ])
Response Time (High to Low)
– Ambient Temperature
(VCC=5[V],VRL=5[V],RL=5.1[kΩ])
-40℃
25℃
125℃
2V
5V
36V
2V
5V
36V
25℃
125℃
-40℃
15V
5V
36V
-40℃
25℃
125℃
5mV overdrive
20mV overdrive
100mV overdrive
125℃
25℃
-40℃
125℃
25℃
-40℃
5mV overdrive
20mV overdrive
100mV overdrive
Fig. 76
Fig. 77
Fig. 78
Fig. 79
Fig. 80
Fig. 81
Fig. 82
Fig. 83
Fig. 84
Fig. 85
Fig. 86
105℃
105℃
105℃
105℃
105℃
(*)The data above is ability value of sample, it is not guaranteed. LM901family:-40[℃]~+125[℃]


유사한 부품 번호 - LM2901PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2901PWR TI-LM2901PWR Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM2901PWR TI-LM2901PWR Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM2901PWR TI-LM2901PWR Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM2901PWR TI1-LM2901PWR Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM2901PWR TI-LM2901PWR Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results

유사한 설명 - LM2901PWR

제조업체부품명데이터시트상세설명
logo
Rohm
LM358DR ROHM-LM358DR Datasheet
797Kb / 18P
   TROPHY SERIES Operational Amplifiers
2011.06 - Rev.B
LM393DT ROHM-LM393DT_15 Datasheet
866Kb / 38P
   SIGNATURE SERIES Comparators
LM393DT ROHM-LM393DT_11 Datasheet
422Kb / 18P
   SIGNATURE SERIES Comparators
LM393MX ROHM-LM393MX_11 Datasheet
709Kb / 17P
   NOW SERIES Comparators
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_18 Datasheet
140Kb / 18P
   Comparators
March, 2018 ??Rev. 20
logo
Analog Devices
ADCMP391 AD-ADCMP391 Datasheet
375Kb / 17P
   Comparators
ADCMP394 AD-ADCMP394 Datasheet
409Kb / 18P
   Comparators
logo
Panasonic Semiconductor
AN1339 PANASONIC-AN1339 Datasheet
44Kb / 3P
   Quadruple Comparators
AN1393 PANASONIC-AN1393 Datasheet
29Kb / 3P
   Dual Comparators
logo
ON Semiconductor
LM211 ONSEMI-LM211_12 Datasheet
147Kb / 9P
   Single Comparators
August, 2012 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com