전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAP64-05W 데이터시트(PDF) 2 Page - Micro Commercial Components

부품명 BAP64-05W
상세설명  General Purpose Pin Diodes 200mW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAP64-05W 데이터시트(HTML) 2 Page - Micro Commercial Components

  BAP64-05W Datasheet HTML 1Page - Micro Commercial Components BAP64-05W Datasheet HTML 2Page - Micro Commercial Components BAP64-05W Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MCC
TM
Micro Commercial Components
www.mccsemi.com
Revision:
A
20
11/01/01
2 of 3
Typical Characteristics


유사한 부품 번호 - BAP64-05W

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BAP64-05W PHILIPS-BAP64-05W Datasheet
91Kb / 8P
   Silicon PIN diode
2000 June 15
logo
SeCoS Halbleitertechnol...
BAP64-05W SECOS-BAP64-05W Datasheet
191Kb / 2P
   Small Signal General Purpose Pin Diode
logo
Shenzhen Jin Yu Semicon...
BAP64-05W HTSEMI-BAP64-05W Datasheet
1Mb / 2P
   PIN DIODES
logo
NXP Semiconductors
BAP64-05W NXP-BAP64-05W Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Cystech Electonics Corp...
BAP64-05W CYSTEKEC-BAP64-05W Datasheet
260Kb / 6P
   PIN DIODE
More results

유사한 설명 - BAP64-05W

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
BAP50-03 MCC-BAP50-03_16 Datasheet
218Kb / 2P
   General Purpose Pin Diodes 200mW
BAP64-04W MCC-BAP64-04W_16 Datasheet
299Kb / 2P
   General Purpose Pin Diodes 200mW
BAP50-03 MCC-BAP50-03 Datasheet
377Kb / 3P
   General Purpose Pin Diodes 200mW
logo
Jiangsu Changjiang Elec...
BAP51-02 JIANGSU-BAP51-02 Datasheet
593Kb / 4P
   GENERAL PURPOSE PIN DIODES
logo
Shenzhen Jin Yu Semicon...
BAP50-03 HTSEMI-BAP50-03 Datasheet
712Kb / 2P
   GENERAL PURPOSE PIN DIODES
BAP51-02 HTSEMI-BAP51-02 Datasheet
664Kb / 2P
   GENERAL PURPOSE PIN DIODES
logo
Jiangsu Changjiang Elec...
BAR64-02V JIANGSU-BAR64-02V Datasheet
618Kb / 4P
   GENERAL PURPOSE PIN DIODES
logo
SHIKUES Electronics
BAR64-02V SKTECHNOLGY-BAR64-02V Datasheet
612Kb / 3P
   GENERAL PURPOSE PIN DIODES
logo
Micro Commercial Compon...
BAP64-04 MCC-BAP64-04_16 Datasheet
303Kb / 2P
   General Purpose Pin Diodes 250mW
BAP64-06 MCC-BAP64-06_16 Datasheet
302Kb / 2P
   General Purpose Pin Diodes 250mW
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com