전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLSR106 데이터시트(PDF) 1 Page - Micro Commercial Components

부품명 DLSR106
상세설명  1 Amp Schottky Barrier Rectifier 60 to 100 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DLSR106 데이터시트(HTML) 1 Page - Micro Commercial Components

  DLSR106_11 Datasheet HTML 1Page - Micro Commercial Components DLSR106_11 Datasheet HTML 2Page - Micro Commercial Components DLSR106_11 Datasheet HTML 3Page - Micro Commercial Components DLSR106_11 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DLSR106
THRU
DLSR1010
1 Amp Schottky
Barrier Rectifier
60 to 100 Volts
MELF
SUGGESTED SOLDER
PAD LAYOUT
Features
Schottky Barrier Rectifier
Low Forward Voltage
Low Power Loss For High Efficiency
High Current Capability
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.190
.205
4.80
5.20
B
---
.022
---
.55
Nominal
C
.095
.105
2.40
2.67
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
Maximum Thermal Resistance; 30
°C/W Junction To Lead
Microsemi
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
DLSR106
---
60V
42V
60V
DLSR108
---
80V
56V
80V
DLSR1010
---
100V
70V
100V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TA = 75
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
DLSR106
DLSR108-DLSR1010
VF
.70V
.85V
IFM = 1.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA
10mA
TJ = 25
°C
TJ = 100
°C
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
A
B
C
Cathode Mark
.220”
.035”
.115”
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.


유사한 부품 번호 - DLSR106_11

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
DLSR106 MCC-DLSR106 Datasheet
78Kb / 3P
   1 Amp Schottky Barrier Rectifier 60 to 100 Volts
More results

유사한 설명 - DLSR106_11

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
DLSR106 MCC-DLSR106 Datasheet
78Kb / 3P
   1 Amp Schottky Barrier Rectifier 60 to 100 Volts
FST8060 MCC-FST8060 Datasheet
85Kb / 3P
   80 Amp Rectifier 60 to 100 Volts Schottky Barrier
BSR106WS MCC-BSR106WS Datasheet
182Kb / 2P
   1 Amp Schottky Barrier Rectifier 60 Volts
FST8360SL MCC-FST8360SL Datasheet
664Kb / 3P
   80 Amp Rectifier 60 to 100 Volts Schottky Barrier
FST8460SL MCC-FST8460SL Datasheet
667Kb / 3P
   80 Amp Rectifier 60 to 100 Volts Schottky Barrier
logo
Micro Analog systems
BSR106WS-TP MAS-BSR106WS-TP Datasheet
195Kb / 2P
   1 Amp Schottky Barrier Rectifier 60 Volts
logo
Solid States Devices, I...
SSR6010M SSDI-SSR6010M Datasheet
212Kb / 2P
   60 AMP 100 VOLTS SCHOTTKY RECTIFIER
SED60KB100 SSDI-SED60KB100 Datasheet
107Kb / 2P
   60 AMP 100 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
SR105 MCC-SR105_11 Datasheet
210Kb / 4P
   1 Amp Schottky Barrier Rectifier 50 - 100 Volts
SR105 MCC-SR105 Datasheet
76Kb / 3P
   1 Amp Schottky Barrier Rectifier 50 - 100 Volts
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com