전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC2G08GM 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 74LVC2G08GM
상세설명  Dual 2-input AND gate
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G08GM 데이터시트(HTML) 5 Page - NXP Semiconductors

  74LVC2G08GM Datasheet HTML 1Page - NXP Semiconductors 74LVC2G08GM Datasheet HTML 2Page - NXP Semiconductors 74LVC2G08GM Datasheet HTML 3Page - NXP Semiconductors 74LVC2G08GM Datasheet HTML 4Page - NXP Semiconductors 74LVC2G08GM Datasheet HTML 5Page - NXP Semiconductors 74LVC2G08GM Datasheet HTML 6Page - NXP Semiconductors 74LVC2G08GM Datasheet HTML 7Page - NXP Semiconductors 74LVC2G08GM Datasheet HTML 8Page - NXP Semiconductors 74LVC2G08GM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
74LVC2G08
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 9 — 20 October 2010
5 of 21
NXP Semiconductors
74LVC2G08
Dual 2-input AND gate
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
When VCC = 0 V (Power-down mode), the output voltage can be 5.5 V in normal condition.
[3]
For TSSOP8 package: above 55
°C the value of P
tot derates linearly at 2.5 mW/K.
For VSSOP8 package: above 110
°C the value of P
tot derates linearly at 8 mW/K.
For XSON8, XSON8U and XQFN8U packages: above 118
°C the value of P
tot derates linearly with 7.8 mW/K.
9.
Recommended operating conditions
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+6.5
V
VI
input voltage
[1]
−0.5
+6.5
V
VO
output voltage
Active mode
[1]
−0.5
VCC + 0.5
V
Power-down mode
[1][2]
−0.5
+6.5
V
IIK
input clamping current
VI <0V
−50
-
mA
IOK
output clamping current
VO <0V or VO >VCC
-
±50
mA
IO
output current
VO =0VtoVCC
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
−100
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[3] -
300
mW
Table 6.
Operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
1.65
5.5
V
VI
input voltage
0
5.5
V
VO
output voltage
Active mode
0
VCC
V
Power-down mode
0
5.5
V
Tamb
ambient temperature
−40
+125
°C
Δt/ΔV
input transition rise and fall rate
VCC =1.65V to 2.7V
-
20
ns/V
VCC = 2.7 V to 5.5 V
-
10
ns/V


유사한 부품 번호 - 74LVC2G08GM

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
74LVC2G08GM PANASONIC-74LVC2G08GM Datasheet
87Kb / 15P
   Dual 2-input AND gate
logo
NXP Semiconductors
74LVC2G08GM NXP-74LVC2G08GM Datasheet
102Kb / 16P
   Dual 2-input AND gate
Rev. 08-9 June 2008
More results

유사한 설명 - 74LVC2G08GM

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7W08F TOSHIBA-TC7W08F Datasheet
204Kb / 7P
   DUAL 2-INPUT AND GATE
logo
NXP Semiconductors
74HC2G08 PHILIPS-74HC2G08 Datasheet
85Kb / 16P
   Dual 2-input AND gate
2002 Nov 15
74LVC2G08 NXP-74LVC2G08 Datasheet
102Kb / 16P
   Dual 2-input AND gate
Rev. 08-9 June 2008
logo
Renesas Technology Corp
RD74LVC2G08 RENESAS-RD74LVC2G08 Datasheet
2Mb / 8P
   Dual 2-Input AND Gate
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_12 Datasheet
101Kb / 5P
   Dual 2-Input AND Gate
April, 2012 ??Rev. 10
logo
Nexperia B.V. All right...
74HC2G08-Q100 NEXPERIA-74HC2G08-Q100 Datasheet
213Kb / 13P
   Dual 2-input AND gate
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_V01 Datasheet
330Kb / 13P
   Dual 2-Input AND Gate
October, 2020 ??Rev. 14
logo
NXP Semiconductors
74AHC2G08 PHILIPS-74AHC2G08 Datasheet
90Kb / 17P
   Dual 2-input AND gate
Rev. 02-18 October 2004
logo
Toshiba Semiconductor
TC7WH08FU TOSHIBA-TC7WH08FU Datasheet
195Kb / 6P
   DUAL 2-INPUT AND GATE
TC7W08F TOSHIBA-TC7W08F_01 Datasheet
236Kb / 8P
   DUAL 2-INPUT AND GATE
TC7WG08FK TOSHIBA-TC7WG08FK_09 Datasheet
185Kb / 7P
   Dual 2-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com