전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT54ARFG 데이터시트(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

부품명 BAT54ARFG
상세설명  200mW SMD Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT54ARFG 데이터시트(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAT54ARFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT54ARFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT54ARFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAT54 / A / C / S
200mW SMD Schottky Barrier Diode
Small Signal Diode
Electrical Characteristics
IR=
IF=
IF=
IF=
IF=
IF=
Reverse current
VR=
Total Capacitance
Tape & Reel specification
--
Symbol
Type Number
--
--
0.24
0.50
2.0
30
--
--
trr
IR
Units
V
V
V
V
V
Max
Min
μA
pF
nS
10
5.0
--
VR=1V,
f=1.0MHz
Reverse Breakdown Voltage
100μA
0.1mA
30mA
25V
Reverse Recovery Time
IF=IR=10mA, RL=100Ω, IRR=1mA
V(BR)
CT
Tape width
W
8.10 ±0.20
P0
4.00 ±0.10
Embossment center
P1
2.00 ±0.05
Overall tape thickness
T
0.229 ±0.013
D2
13.0 ± 0.20
Sprocke hole position
E
1.75 ±0.10
Punch hole position
Sprocke hole pitch
F
3.50 ±0.05
Reel inner diameter
Carrier depth
C
1.22 ±0.10
1.50 ± 0.10
Reel outside diameter
D
178 ± 1
Sprocket hole
d
Dimension(mm)
Carrier width
A
3.15 ±0.10
Item
Symbol
Reel width
W1
12.30 ±0.20
D1
55 Min
Feed hole width
Carrier length
B
2.77 ±0.10
Forward Voltage
VF
--
0.32
--
0.40
--
1.00
V
1mA
10mA
100mA
Top Cover Tape
Carieer Tape
Any Additional Label (If Required)
TSC label
W1
D1
D2
D
T
C
d
P1
P0
A
B
F
W
E
Direction of Feed
Version : C10


유사한 부품 번호 - BAT54ARFG

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
BAT54ARFG TSC-BAT54ARFG Datasheet
169Kb / 3P
   200mW SMD Schottky Barrier Diode
BAT54ARFG TSC-BAT54ARFG Datasheet
156Kb / 5P
   230mW SMD Schottky Barrier Diode
More results

유사한 설명 - BAT54ARFG

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
BAT54 TSC-BAT54_11 Datasheet
169Kb / 3P
   200mW SMD Schottky Barrier Diode
RB751V-40WS TSC-RB751V-40WS Datasheet
155Kb / 3P
   200mW, Low VF SMD Schottky Barrier Diode
B0530WS TSC-B0530WS_14 Datasheet
99Kb / 5P
   200mW, Low VF SMD Schottky Barrier Diode
RB521S-30 TSC-RB521S-30_14 Datasheet
203Kb / 5P
   200mW, Low VF SMD Schottky Barrier Diode
RB500V-40 TSC-RB500V-40 Datasheet
242Kb / 3P
   200mW, Low VF SMD Schottky Barrier Diode
B0530WS TSC-B0530WS Datasheet
82Kb / 2P
   200mW, Low VF SMD Schottky Barrier Diode
BAS40 TSC-BAS40 Datasheet
95Kb / 2P
   200mW, Low VF, SMD Schottky Barrier Diode
RB520S-30 TSC-RB520S-30_14 Datasheet
138Kb / 5P
   200mW, Low VF SMD Schottky Barrier Diode
B0530WS_1005 TSC-B0530WS_1005 Datasheet
171Kb / 3P
   200mW, Low VF SMD Schottky Barrier Diode
BAS40 TSC-BAS40_11 Datasheet
213Kb / 2P
   200mW, Low VF, SMD Schottky Barrier Diode
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com