전자부품 데이터시트 검색엔진 |
|
BC847CRF 데이터시트(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
BC847CRF 데이터시트(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 3 page BC846A/B, BC847A/B/C, BC848A/B/C 250mW, NPN Small Signal Transistor Small Signal Transistor Surface device type mounting Moisture sensitivity level 1 Matte Tin(Sn) lead finish with Nickel(Ni) underplate Pb free version and RoHS compliant Min Max Min Max Case : SOT- 23 small outline plastic package 2.80 3.00 0.110 0.118 1.20 1.40 0.047 0.055 0.30 0.50 0.012 0.020 1.80 2.00 0.071 0.079 2.25 2.55 0.089 0.100 0.90 1.20 0.035 0.043 Package Packing Marking SOT-23 3K / 7" Reel 1A SOT-23 3K / 7" Reel 1B SOT-23 3K / 7" Reel 1E SOT-23 3K / 7" Reel 1F SOT-23 3K / 7" Reel 1G SOT-23 3K / 7" Reel 1J SOT-23 3K / 7" Reel 1K SOT-23 3K / 7" Reel 1L SOT-23 3K / 7" Reel 1A SOT-23 3K / 7" Reel 1B SOT-23 3K / 7" Reel 1E SOT-23 3K / 7" Reel 1F SOT-23 3K / 7" Reel 1G SOT-23 3K / 7" Reel 1J SOT-23 3K / 7" Reel 1K SOT-23 3K / 7" Reel 1L Maximum Ratings BC846 BC847 BC848 BC846 BC847 BC848 BC846 BC847 BC848 Notes:1. Valid provided that electrodes are kept at ambient temperature Units ° C 0.1 -55 to + 150 A mW V Ordering Information Part No. BC846A RF BC846B RF Junction and Storage Temperature Range TJ, TSTG VEBO Collector Current IC Emitter-Base Voltage High temperature soldering guaranteed: 260°C/10s F D E Features Mechanical Data Green compound (Halogen free) with suffix "G" on packing code and prefix "G" on date code A Rating at 25°C ambient temperature unless otherwise specified. B Power Dissipation PD BC847A RF BC847B RF BC847C RF BC848A RF Value BC846A RFG Suggested PAD Layout V V 65 45 30 80 50 30 BC848C RF BC846B RFG BC847A RFG BC847B RFG Unit (mm) Terminal: Matte tin plated, lead free., solderable per MIL-STD-202, Method 208 guaranteed 6 6 5 250 Collector-Base Voltage Collector-Emitter Voltage VCBO VCEO Unit (inch) Dimensions SOT-23 Type Number Symbol Epitaxial planar die construction BC848B RF Weight : 0.008gram (approximately) Maximum Ratings and Electrical Characteristics C BC847C RFG BC848A RFG BC848B RFG BC848C RFG B A C D F E 2 Emitter 3 Collector 1 Base 2.0 0.079 0.95 0.037 0.9 0.035 0.8 0.031 Version : E11 |
유사한 부품 번호 - BC847CRF |
|
유사한 설명 - BC847CRF |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |