전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4Q30TA 데이터시트(PDF) 1 Page - Sharp Corporation

부품명 LM4Q30TA
상세설명  Black & White DMTN LCD Module(Handheld PC/Measuring Instruments)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM4Q30TA 데이터시트(HTML) 1 Page - Sharp Corporation

  LM4Q30TA Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
In the absence of confirmation by device specification sheets, SHARP takes no responsibility
for any defects that may occur in using any SHARP devices shown in catalogs, data books, etc.
Contact SHARP in order to obtain the latest device specification sheets before using any
SHARP device. Specifications are subject to change without notice for improvement.
Outline Dimensions
unit : mm
New Product
Black & White DMTN LCD Module
LM4Q30TA
(Handheld PC/Measuring Instruments)
Features
s 12 cm [4.7"] QVGA format
s Transflective display
s High contrast (30 : 1) B/W display
s Fast response time (100 ms)
s Built-in Backlight (LED)
s Wide viewing angle (Horizontal: 80
° Vertical: 120°)
Specifications
Parameter
Unit
Parameter
Unit
Display size
12 [4.7]
cm [ "]
Brightness
15
cd/m2
Dot Format (H x V)
320 x 240
dot
Duty Ratio
1/241 to 1/248
-
Dot Pitch (H x V)
0.30 x 0.30
mm
Backlight
LED
-
Active Area (H x V)
96.0 x 72.0
mm
Power Consumption Reflective Mode
40
mW
Panel Type
DMTN
-
Transmissive Mode
600
mW
Panel Mode
Transflective
-
Outline dimensions (W x H x D) 148.0 x 107.0 x 9.0
mm
Color
B/W
color
Weight
125
g
Contrast
30 : 1/15 : 1*
-
Operating temperature
0 to +50
°C
Response Time
100
ms
Storage temperature
-15 to +75
°C
*...Contrast ratio : Reflective / Transmissive
50
(78)
124
(73)
3.9
4-R0.5
Center Line
9
2.5
3.2
148
8
70.5
2.5
3.9
100.0 x 76.0
Bezel Opening Area
96.0 x 72.0
Active Area


유사한 부품 번호 - LM4Q30TA

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM40 NSC-LM40 Datasheet
369Kb / 27P
   Hardware Monitor with Dual Thermal Diodes and SensorPath Bus
logo
SEMTECH ELECTRONICS LTD...
LM4001 SEMTECH_ELEC-LM4001 Datasheet
280Kb / 2P
   SURFACE MOUNT SILICON RECTIFIERS
logo
Microdiode Electronics ...
LM4001 CHENDA-LM4001 Datasheet
908Kb / 2P
   SURFACE MOUNT RECTIFIERS
LM4001 CHENDA-LM4001 Datasheet
505Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
LM4001G SEMTECH_ELEC-LM4001G Datasheet
281Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
More results

유사한 설명 - LM4Q30TA

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
LM5H40TA SHARP-LM5H40TA Datasheet
110Kb / 1P
   Black & White DMTN LCD Module(Handheld PC/Measuring Instruments)
LM20A21 SHARP-LM20A21 Datasheet
18Kb / 1P
   Character Type LCD Module(FA/POS/Measuring instruments)
LQ104V1DG11 SHARP-LQ104V1DG11 Datasheet
119Kb / 1P
   Color TFT-LCD Module(Measuring instruments/Banking terminals)
LQ10D421 SHARP-LQ10D421 Datasheet
118Kb / 1P
   Color TFT-LCD Module(FA/Industrial/Measuring instruments)
LM16A21 SHARP-LM16A21 Datasheet
19Kb / 1P
   Character Type LCD Module(FA/POS/Measuring instruments)
LM202KS1 SHARP-LM202KS1 Datasheet
19Kb / 1P
   Character Type LCD Module(FA/POS/Measuring instruments)
LM40X21B SHARP-LM40X21B Datasheet
19Kb / 1P
   Character Type LCD Module(FA/POS/Measuring instruments)
LM12S49 SHARP-LM12S49 Datasheet
114Kb / 1P
   Color STN-LCD Module(FA/POS/Measuring instruments)
LM40A21 SHARP-LM40A21 Datasheet
19Kb / 1P
   Character Type LCD Module(FA/POS/Measuring instruments)
LM40X21A SHARP-LM40X21A Datasheet
19Kb / 1P
   Character Type LCD Module(FA/POS/Measuring instruments)
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com