전자부품 데이터시트 검색엔진 |
|
SMAJP4KE350A 데이터시트(PDF) 1 Page - Micro Commercial Components |
|
SMAJP4KE350A 데이터시트(HTML) 1 Page - Micro Commercial Components |
1 / 5 page Features Mechanical Data CASE: JEDEC DO-214AC Terminals: solderable per MIL-STD-750, Method 2026 Polarity: Color band denotesposit ive end (cathode) except Bidirectional Maximum soldering temperature: 250 oC for 10 seconds Maximum Ratings @ 25 oC Unless Otherwise Specified Peak Pulse Current on 10/1000us waveform IPP See Table 1 Note: 1 Peak Pulse Power Dissipation PPP 400W Note: 1, Peak Forward Surge Current IFSM) 40A Note: 3 Operation And Storage Temperature Range TJ, TSTG -55 oC to +150 oC NOTES: 1. Non-repetitive current pulse, per Fig.3 and derated above TA=25 oC per Fig.2. 2. Mounted on 5.0mm 2 copper pads to each terminal. 3. 8.3ms, single half sine wave duty cycle=4 pulses per. Minute maximum. SMAJP4KE6.8(C)A THRU SMAJP4KE550(C)A Transient Voltage Suppressor 6.8 to 550 Volts 400 Watt www.mccsemi.com omponents 20736 Marilla Street Chatsworth !"# $% !"# MCC Revision: B 20 11/09/16 0.0 70" 0.0 90” 0.058 ” SUGGESTED SOLDER PAD LAYOUT MA X MI N MI N DO-214AC (SMAJ)( LEAD FRAME) DIMENSIONS INCHES MM DIM MIN MAX MIN MAX NOTE A .079 .096 2.00 2.44 B .050 .064 1.27 1.63 C .002 .008 .05 .20 D --- .02 --- .51 E .030 .060 .76 1.52 F .065 .091 1.65 2.32 G .189 .220 4.80 5.59 H .157 .181 4.00 4.60 J .090 .115 2.25 2.92 H J E F G A B D C For surface mount applicationsin in or der to optimize boar d space L ow pr ofil e package Fast response time: typical less than 1.0ps from 0 volts to VBR minimum UL Recognized File # E 331408 TM Micro Commercial Components 1 of 5 • Epoxy meets UL 94 V-0 flammability rating • Moisture Sensitivity Level 1 |
유사한 부품 번호 - SMAJP4KE350A |
|
유사한 설명 - SMAJP4KE350A |