전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N2060 데이터시트(PDF) 3 Page - Seme LAB

부품명 2N2060
상세설명  DUAL MATCHED NPN SILICON TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2060 데이터시트(HTML) 3 Page - Seme LAB

  2N2060 Datasheet HTML 1Page - Seme LAB 2N2060 Datasheet HTML 2Page - Seme LAB 2N2060 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DUAL MATCHED NPN SILICON TRANSISTOR
2N2060 / 2N2060A
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8570
Issue 1
Page 3 of 3
MATCHING CHARACTERISTICS (TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min
Typ
Max
Units
IC = 100µA
VCE = 5V
0.9
1.0
HFE1/ HFE2
DC Current Gain Ratio
(2)
IC = 1.0mA
VCE = 5V
0.9
1.0
-
IC = 100µA
VCE = 5V
3.0
VBE1- VBE2
Base – Emitter Voltage
Differential
IC = 1.0mA
VCE = 5V
5.0
mV
IC = 1.0mA
VCE = 5V
(
)
T
BE2
V
-
BE1
V
Base –Emitter Voltage
Differential Change Due To
Temperature
TA = -55°C to +125°C
5.0
µV/
°C
MECHANICAL DATA
Dimensions in mm (inches)
1.02
(0.040)
Max.
8.51 (0.335)
9.40 (0.370)
7.75 (0.305)
8.51 (0.335)
5.08
(0.200)
2.54
(0.100)
2.54
(0.100)
0.74 (0.029)
1.14 (0.045)
1
6
4
3
2
45˚
0.71 (0.028)
0.86 (0.034)
0.41 (0.016)
0.53 (0.021)
5
TO-77 (MO-002AF) METAL PACKAGE
PIN 1 – Collector
PIN 4 – Emitter
PIN 2 – Base
PIN 5 – Base
PIN 3 – Emitter
PIN 6 – Collector


유사한 부품 번호 - 2N2060

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
2N2060 MICROSEMI-2N2060 Datasheet
53Kb / 2P
   UNITIZED DUAL NPN SILICON TRANSISTOR
logo
Semicoa Semiconductor
2N2060 SEMICOA-2N2060 Datasheet
210Kb / 3P
   Silicon NPN Transistor
logo
Central Semiconductor C...
2N2060 CENTRAL-2N2060 Datasheet
52Kb / 1P
   Dual Transistors
logo
New Jersey Semi-Conduct...
2N2060 NJSEMI-2N2060 Datasheet
133Kb / 1P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
logo
Seme LAB
2N2060A SEME-LAB-2N2060A Datasheet
19Kb / 2P
   DUAL AMPLIFIER TRANSISTOR
More results

유사한 설명 - 2N2060

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CMLT5088EM CENTRAL-CMLT5088EM_15 Datasheet
616Kb / 3P
   SURFACE MOUNT SILICON DUAL, MATCHED NPN TRANSISTOR
CMLT8099M CENTRAL-CMLT8099M_15 Datasheet
609Kb / 3P
   SURFACE MOUNT SILICON DUAL, MATCHED NPN TRANSISTOR
logo
New Jersey Semi-Conduct...
2N4044 NJSEMI-2N4044 Datasheet
238Kb / 2P
   DUAL MONOLITHIC MATCHED NPN SILICON
logo
Seme LAB
BFY81 SEME-LAB-BFY81 Datasheet
177Kb / 3P
   SILICON DUAL MATCHED NPN TRANSISTORS
logo
Analog Devices
SSM2210PZ AD-SSM2210PZ Datasheet
2Mb / 12P
   Audio Dual Matched NPN Transistor
REV. C
SSM2210PZ AD-SSM2210PZ Datasheet
2Mb / 12P
   Audio Dual Matched NPN Transistor
REV. C
SSM2212 AD-SSM2212_15 Datasheet
362Kb / 12P
   Audio, Dual-Matched NPN Transistor
logo
TT Electronics.
BFY81 TTELEC-BFY81 Datasheet
177Kb / 3P
   SILICON DUAL MATCHED NPN TRANSISTORS
logo
New Jersey Semi-Conduct...
2N4045 NJSEMI-2N4045 Datasheet
148Kb / 1P
   DUAL MONOLITHIC MATCHED NPN SILICON
logo
Analog Devices
SSM2212 AD-SSM2212 Datasheet
260Kb / 12P
   Audio, Dual-Matched NPN Transistor
Rev. B
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com