전자부품 데이터시트 검색엔진 |
|
SMAJ10A 데이터시트(PDF) 2 Page - Taiwan Semiconductor Company, Ltd |
|
SMAJ10A 데이터시트(HTML) 2 Page - Taiwan Semiconductor Company, Ltd |
2 / 5 page Version:F11 RATINGS AND CHARACTERISTIC CURVES (SMAJ SERIES) FIG.2 PULSE DERATING CURVE 0 25 50 75 100 125 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE ( oC) FIG. 4 MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT UNIDIRECTIONAL ONLY 0 10 20 30 40 50 1 10 100 NUMBER OF CYCLES AT 60 Hz 8.3mS Single Half Sine Wave JEDEC Method FIG. 3 CLAMPING POWER PULSE WAVEFORM 0 20 40 60 80 100 120 140 0 0.5 1 1.5 2 2.5 3 3.5 4 t, TIME ms td Peak Value IPPM tr=10usec Half Value-IPPM/2 10/1000sec, WAVEFORM as DEFINED by R.E.A. PULSE WIDTH(td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% OF IPPM FIG. 5 TYPICAL JUNCTION CAPACITANCE 10 100 1000 10000 1 10 100 V(BR), BREAKDOWN VOLTAGE (V) TA=25℃ f=1.0MHz Vsig=50mVp-p MEASURED AT ZERO BIAS MEASURED at STAND-OFF VOLTAGE,Vwm FIG. 1 PEAK PULSE POWER RATING CURVE 0.1 1 10 100 0.1 1 10 100 1000 10000 tp, PULSE WIDTH, (uS) NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG.3 TA = 25℃ |
유사한 부품 번호 - SMAJ10A |
|
유사한 설명 - SMAJ10A |