전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N3799X 데이터시트(PDF) 2 Page - Seme LAB

부품명 2N3799X
상세설명  SILICON PLANAR EPITAXIAL PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3799X 데이터시트(HTML) 2 Page - Seme LAB

  2N3799X Datasheet HTML 1Page - Seme LAB 2N3799X Datasheet HTML 2Page - Seme LAB 2N3799X Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SILICON PLANAR EPITAXIAL
PNP TRANSISTOR
2N3799X
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8240
Issue 1
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
V(BR)CEO
(1)
Collector-Emitter
Breakdown Voltage
IC = -10mA
IB = 0
-60
V(BR)CBO
Collector-Base
Breakdown Voltage
IC = -10µA
IE = 0
-50
V(BR)EBO
Emitter-Base Breakdown
Voltage
IE = -10µA
IC = 0
-5
V
VCB = -50V
IE = 0
-0.01
ICBO
Collector Cut-Off Current
TA = 150°C
-10
µA
IEBO
Emitter Cut-Off Current
VEB = -4V
IC = 0
-20
nA
IC = -100µA
IB = -10µA
-0.2
VCE(sat)
(1)
Collector-Emitter Saturation
Voltage
IC = -1.0mA
IB = -100µA
-0.25
IC = -100µA
IB = -10µA
-0.7
VBE(sat)
(1)
Base-Emitter Saturation
Voltage
IC = -1.0mA
IB = -100µA
-0.8
VBE(on)
Base-Emitter On Voltage
IC = -100µA
VCE = -5V
-0.7
V
IC = -1.0µA
VCE = -5V
75
IC = -10µA
VCE = -5V
225
IC = -100µA
VCE = -5V
300
TA = -55°C
150
IC = -500µA
VCE = -5V
300
IC = -1.0mA
VCE = -5V
300
hFE
(1)
Forward-current transfer
ratio
IC = -10mA
VCE = -5V
250
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%


유사한 부품 번호 - 2N3799X

제조업체부품명데이터시트상세설명
logo
Seme LAB
2N3799X SEME-LAB-2N3799X Datasheet
16Kb / 2P
   PNP, LOW NOISE AMPLIFIER TRANSISTOR
logo
TT Electronics.
2N3799X TTELEC-2N3799X Datasheet
245Kb / 3P
   SILICON PLANAR EPITAXIAL PNP TRANSISTOR
More results

유사한 설명 - 2N3799X

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com