전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS78MLCZC0 데이터시트(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

부품명 TS78MLCZC0
상세설명  3-Terminal 500mA Positive Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78MLCZC0 데이터시트(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS78MLCZC0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS78MLCZC0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS78MLCZC0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS78MLCZC0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS78MLCZC0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS78MLCZC0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS78MLCZC0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS78MLCZC0 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS78MLCZC0 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TS78M00L Series
3-Terminal 500mA Positive Voltage Regulator
4/10
Version: B07
TS78M15 Electrical Characteristics
(Vin=23V, Iout=350mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Tj=25
oC
14.42
15
15.60
Output voltage
Vout
17.5V≤Vin≤30V,
5mA≤Iout≤350mA
14.28
15
15.75
V
17.5V≤Vin≤30V
--
12
300
Line Regulation
REGline
Tj=25
oC
18V≤Vin≤22V
--
3
150
5mA≤Iout≤500mA
--
12
300
Load Regulation
REGload
Tj=25
oC
5mA≤Iout≤200mA
--
4
150
mV
Quiescent Current
Iq
Tj=25
oC, Iout=0
--
3
6
17.5V≤Vin≤30V
--
--
0.8
Quiescent Current Change
ΔIq
5mA≤Iout≤500mA
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
90
--
µV
Ripple Rejection Ratio
RR
f=120Hz, 18V≤Vin≤28V
54
80
--
dB
Voltage Drop
Vdrop
Iout=500mA, Tj=25
oC
--
2
--
V
Output Resistance
Rout
f=1KHz
--
19
--
Output Short Circuit Current
Ios
Tj=25
oC
--
50
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
0.7
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout=10mA, 0
oC≤Tj≤125oC
--
-0.3
--
mV/
oC
TS78M18 Electrical Characteristics
(Vin=24V, Iout=350mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Tj=25
oC
17.30
18
18.72
Output Voltage
Vout
21V≤Vin≤33V,
5mA≤Iout≤350mA
17.14
18
18.90
V
21V≤Vin≤33V
--
15
360
Line Regulation
REGline
Tj=25
oC
22V≤Vin≤26V
--
5
180
5mA≤Iout≤500mA
--
12
360
Load Regulation
REGload
Tj=25
oC
5mA≤Iout≤200mA
--
4
180
mV
Quiescent Current
Iq
Tj=25
oC, Iout=0
--
3
6
21V≤Vin≤33V
--
--
0.8
Quiescent Current Change
ΔIq
5mA≤Iout≤500mA
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
110
--
uV
Ripple Rejection Ratio
RR
f=120Hz, 21V≤Vin≤31V
54
80
--
dB
Voltage Drop
Vdrop
Iout=500mA, Tj=25
oC
--
2
--
V
Output Resistance
Rout
f=1KHz
--
22
--
Output Short Circuit Current
Ios
Tj=25
oC
--
50
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
0.7
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout= 5mA, 0
oC≤Tj≤125oC
--
-0.5
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.


유사한 부품 번호 - TS78MLCZC0

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS78MLACPR0 TSC-TS78MLACPR0 Datasheet
181Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78MLACZC0 TSC-TS78MLACZC0 Datasheet
181Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
More results

유사한 설명 - TS78MLCZC0

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS78M00LA TSC-TS78M00LA Datasheet
181Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_08 Datasheet
169Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00 TSC-TS78M00_14 Datasheet
180Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_13 Datasheet
159Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_07 Datasheet
480Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00 TSC-TS78M00_09 Datasheet
301Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M12CP TSC-TS78M12CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M08CP TSC-TS78M08CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M24CP TSC-TS78M24CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M09CP TSC-TS78M09CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ78MXX BCDSEMI-AZ78MXX_07 Datasheet
132Kb / 14P
   500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com