전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC378 데이터시트(PDF) 1 Page - Seme LAB

부품명 BC378
상세설명  SILICON EPITAXIAL NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BC378 데이터시트(HTML) 1 Page - Seme LAB

  BC378_10 Datasheet HTML 1Page - Seme LAB BC378_10 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SILICON EPITAXIAL
NPN TRANSISTOR
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8890
Issue 1
Page 1 of 2
BC378
Hermetic TO-18 Metal Package
Designed For General Purpose Amplifiers,
Driver Stages and Signal Processing Applications
Screening Options Available
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise stated)
VCES
Collector – Emitter Voltage (VEB = 0V)
30V
VCEO
Collector – Emitter Voltage (IB = 0)
25V
VEBO
Emitter – Base Voltage (IC = 0)
6V
IC
Collector Current
1.0A
IB
Base Current
0.2A
PD
Total Power Dissipation at
TA ≤ 25°C
375mW
TC ≤ 75°C
1.0W
TJ
Junction Temperature Range
175°C
Tstg
Storage Temperature Range
-65 to +175°C
THERMAL PROPERTIES
Symbols
Parameters
Min.
Typ.
Max.
Units
RθJA
Thermal Resistance, Junction To Ambient
400
°C/W
RθJC
Thermal Resistance, Junction To Case
100
°C/W


유사한 부품 번호 - BC378_10

제조업체부품명데이터시트상세설명
logo
Seme LAB
BC378 SEME-LAB-BC378 Datasheet
10Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO18 Metal Package
More results

유사한 설명 - BC378_10

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com