전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCY70 데이터시트(PDF) 1 Page - Seme LAB

부품명 BCY70
상세설명  GENERAL PURPOSE PNP SILICON TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BCY70 데이터시트(HTML) 1 Page - Seme LAB

  BCY70 Datasheet HTML 1Page - Seme LAB BCY70 Datasheet HTML 2Page - Seme LAB BCY70 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BCY70
BCY71
BCY72
Document Number 3297
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
GENERAL PURPOSE
PNP SILICON TRANSISTOR
DESCRIPTION
The BCY70, BCY71 & BCY72 are silicon
planar epitaxial PNP tranistors in Jedec
TO18 metal case.
VCBO
Collector - Base Voltage (IE= 0)
VCEO
Collector - Emitter Voltage(IB= 0)
VEBO
Emitter - Base Voltage(IC= 0)
ICM
Collector Peak Current
Ptot
Total Power Dissipation @ Tamb < 25°C
TJ , TSTG
Operating and Storage Junction Temperature Range
THERMAL DATA
Rth-j-Case
Thermal Resistance Junction -case
Rth-j-amb
Thermal Resistance Junction -ambient
-50V
-45V
-25V
-40V
-45V
-25V
–5V
-200mA
350mW
–65 to +200°C
150°C/W max
500°C/W max
MECHANICAL DATA
Dimensions in mm (inches)
TO18 PACKAGE(TO-206AA)
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise stated)
BCY70
BCY71
BCY72
1
3
2
2.54 (0.100)
Nom.
0.48 (0.019)
0.41 (0.016)
dia.
5.84 (0.230)
5.31 (0.209)
4.95 (0.195)
4.52 (0.178)
PIN 1 – Emitter
Underside View
PIN 2 – Base
PIN 3 – Collector


유사한 부품 번호 - BCY70

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BCY70 PHILIPS-BCY70 Datasheet
51Kb / 8P
   PNP general purpose transistors
1997 Jul 11
logo
STMicroelectronics
BCY70 STMICROELECTRONICS-BCY70 Datasheet
133Kb / 5P
   GENERAL PURPOSE AMPLIFIERS
logo
Micro Electronics
BCY70 MICRO-ELECTRONICS-BCY70 Datasheet
173Kb / 2P
   PNP SILICON TRANSISTORS
logo
Central Semiconductor C...
BCY70 CENTRAL-BCY70 Datasheet
33Kb / 1P
   Small Signal Transistors
logo
Comset Semiconductor
BCY70 COMSET-BCY70 Datasheet
150Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results

유사한 설명 - BCY70

제조업체부품명데이터시트상세설명
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
   General Purpose Transistor PNP Silicon
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
   General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Weitron Technology
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
   General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
   General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2SA727 SECOS-2SA727_15 Datasheet
250Kb / 2P
   PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
   General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
   GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
   PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
   PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
   PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
   PNP Silicon General Purpose Transistor
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com