전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS2596CZ5C0 데이터시트(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

부품명 TS2596CZ5C0
상세설명  3A / 150KHz Buck Dc-Dc Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2596CZ5C0 데이터시트(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS2596CZ5C0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2596CZ5C0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2596CZ5C0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2596CZ5C0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2596CZ5C0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2596CZ5C0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2596CZ5C0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2596CZ5C0 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TS2596
3A / 150KHz Buck Dc-Dc Converter
4/8
Version: C07
Typical Application Circuit
1. Adjustable Output Voltage Version
2. Fixed Output Voltage Version
3. Adjustable Output Voltage Version with Delayed Startup


유사한 부품 번호 - TS2596CZ5C0

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS2596CZ5 TSC-TS2596CZ5 Datasheet
131Kb / 6P
   3A Step Down Switching Voltage Regulator
TS2596CZ5 TSC-TS2596CZ5 Datasheet
400Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
TS2596CZ505 TSC-TS2596CZ505 Datasheet
131Kb / 6P
   3A Step Down Switching Voltage Regulator
TS2596CZ53.3 TSC-TS2596CZ53.3 Datasheet
131Kb / 6P
   3A Step Down Switching Voltage Regulator
TS2596CZ533 TSC-TS2596CZ533 Datasheet
131Kb / 6P
   3A Step Down Switching Voltage Regulator
More results

유사한 설명 - TS2596CZ5C0

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_13 Datasheet
272Kb / 9P
   3A / 150KHz Buck Dc-Dc Converter
logo
BCD Semiconductor Manuf...
AP3003 BCDSEMI-AP3003 Datasheet
258Kb / 16P
   150kHz 3A BUCK DC-DC CONVERTER
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596 Datasheet
241Kb / 11P
   150KHz 3A Buck DC-DC Converter
VER 1.2
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_07 Datasheet
400Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
TS2496 TSC-TS2496 Datasheet
400Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596_12 Datasheet
523Kb / 11P
   150KHz 3A Buck DC-DC Converter
VER 1.3
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com