전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3809 데이터시트(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

부품명 TS3809
상세설명  Microprocessor Reset Circuit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3809 데이터시트(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS3809 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3809 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3809 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3809 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3809 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3809 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3809 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS3809/3810 Series
Microprocessor Reset Circuit
4/7
Version: C07
Application Information
Negative-Going VCC transients in addition to issuing a reset to the µP during power-up, power-down, and brownout
conditions, the TS3809/3810 are relatively immune to short-duration negative-going Vcc transients (glitches).
The TS3809/3810 do not generate a reset pulse. The graph was generated using a negative going pulse applied to
Vcc, starting 0.5V above the actual reset threshold and ending below it by the magnitude indicated (reset comparator
overdrive). The graph indicates the maximum pulse width a negative going Vcc transient can have without causing a
reset pulse. As the magnitude of the transient increases (goes farther below the reset threshold), the maximum
allowable pulse width decreases. Typically, a Vcc transient that goes 100mV below the reset threshold and lasts
20µS or less will not cause a reset pulse. A 0.1µF bypass capacitor mounted as close as possible to the Vcc pin
provides additional transient immunity.
Function Description
A microprocessor’s (µP’s) reset input starts the µP In a know state. The TS3809/3810 assert reset to prevent code-
execution errors during power-up, power-down, or brownout conditions. They assert a reset signal whenever the Vcc
supply voltage declines below a preset threshold, keeping it asserted for at least 140ms after Vcc has risen above
the reset threshold. The TS3809/3810 have a push-pull output stage.
Ensuring a Valid Reset Output Down to Vcc=0
RESET is guaranteed to be a logic low for VCC > 1.0V. Once VCC exceeds the reset threshold, an internal timer
keeps RESET low for the reset timeout period; after this interval, RESET goes high. If a brownout condition occurs
(VCC dips below the reset threshold), RESET goes low. Any time VCC goes below the reset threshold, the internal
timer resets to zero, and RESET goes low. The internal timer starts after VCC returns above the reset threshold, and
RESET remains low for the reset timeout period. When Vcc falls below 1V, the TS3809/3810 reset output no longer
sinks current - it becomes an open circuit. Therefore, high impedance CMOS logic input connected to reset can drift
to undetermined voltages. This present no problem in most applications since most µP and other circuitry is
inoperative with Vcc below 1V.However, in applications where reset must be valid down to 0V, adding a pull down
resistor to reset causes and stray leakage currents to flow to ground, holding reset low (Figure 2.) R1’s value is not
critical; 100K is large enough not to load reset and small enough to pull RESET to ground. For the TS3809/3810 if
reset is required to remain valid for Vcc<1V.
Benefits of Highly Accurate Reset Threshold
Most µP supervisor ICs has reset threshold voltages between 5% and 10% below the value of nominal supply
voltages. This ensures a reset will not occur within 5% of the nominal supply, but will occur when the supply is 10%
below nominal. When using ICs rated at only the nominal supply ±5%, this leaves a zone of uncertainty where the
supply is between 5% and 10% low, and where the reset many or may not be asserted
Timming Diagram


유사한 부품 번호 - TS3809

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS3809-10 TSC-TS3809-10 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10_11 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
TS3809CXA TSC-TS3809CXA Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
TS3809CXARFG TSC-TS3809CXARFG Datasheet
260Kb / 8P
   Microprocessor Reset Circuit
TS3809CXB TSC-TS3809CXB Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
More results

유사한 설명 - TS3809

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS3809-10 TSC-TS3809-10_11 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
logo
Microchip Technology
MIC8115 MICROCHIP-MIC8115 Datasheet
761Kb / 14P
   Microprocessor Reset Circuit
09/14/21
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815 Datasheet
161Kb / 8P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS3809 TSC-TS3809_15 Datasheet
260Kb / 8P
   Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC8114 MICREL-MIC8114_05 Datasheet
264Kb / 6P
   Microprocessor Reset Circuit
MIC8115 MICREL-MIC8115_15 Datasheet
505Kb / 7P
   Microprocessor Reset Circuit
logo
TECH PUBLIC Electronics...
MAX810 TECHPUBLIC-MAX810 Datasheet
2Mb / 7P
   Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815_05 Datasheet
237Kb / 6P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS803R TSC-TS803R Datasheet
135Kb / 5P
   Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com