전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5204CXRF 데이터시트(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

부품명 TS5204CXRF
상세설명  150mA Low Noise LDO Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5204CXRF 데이터시트(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  TS5204CXRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5204CXRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5204CXRF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5204CXRF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5204CXRF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5204CXRF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5204CXRF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS5204CXRF Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TS5204
150mA Low Noise LDO Voltage Regulator
7/8
Version: F11
DFN 2x2 Mechanical Drawing
Marking Diagram
J
= Device Code
X
= Fixed Output Voltage Code
(5 =5.0V, S =3.3V, K =2.5V)
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug,
I=Sep, J=Oct, K=Nov, L=Dec)
L
= Lot Code
DFN 2x2 DIMENSION
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
0.45
0.55
0.017
0.021
A1
0.005 (typ)
0.0002 (typ)
A3
0.152 (typ)
0.006(typ)
b
0.20
0.40
0.008
0.016
D
1.90
2.10
0.075
0.083
D1
1.80 (typ)
0.071 (typ)
E
1.9
2.1
0.075
0.083
E1
1.00 (typ)
0.039 (typ)
L
0.25 (typ)
0.01 (typ)
e
0.50 (typ)
0.02 (typ)
Y
--
0.10
--
0.04


유사한 부품 번호 - TS5204CXRF

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS5204CX TSC-TS5204CX Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204CX TSC-TS5204CX Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204CX TSC-TS5204CX Datasheet
190Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204CX TSC-TS5204CX Datasheet
264Kb / 6P
   150mA Low Noise LDO Voltage Regulator
TS5204CX1.8 TSC-TS5204CX1.8 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
More results

유사한 설명 - TS5204CXRF

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS5204CQ33 TSC-TS5204CQ33 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
   150mA Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_1 Datasheet
190Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_06 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_07 Datasheet
264Kb / 6P
   150mA Low Noise LDO Voltage Regulator
TS5204CQ50 TSC-TS5204CQ50 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205_04 Datasheet
184Kb / 8P
   150mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX5205 EXAR-SPX5205 Datasheet
4Mb / 8P
   150mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com