전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS9011 데이터시트(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

부품명 TS9011
상세설명  250mA Low Quiescent Current CMOS LDO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9011 데이터시트(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS9011_10 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9011_10 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9011_10 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9011_10 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9011_10 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS9011_10 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS9011_10 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS9011
250mA Low Quiescent Current CMOS LDO
3/3
Version: E07
Electrical Characteristics Curve (Ta = 25oC, unless otherwise noted)
Figure 1. Output Voltage vs. Output Current
Figure 2. Output Voltage vs. Input Voltage
Figure 3. Quiescent Current vs. Input Voltage
Figure 4. Short Circuit Current vs. Input Voltage


유사한 부품 번호 - TS9011_10

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_15 Datasheet
399Kb / 7P
   250mA Low Quiescent Current CMOS LDO
More results

유사한 설명 - TS9011_10

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_07 Datasheet
269Kb / 6P
   250mA Low Quiescent Current CMOS LDO
TS9011PCT TSC-TS9011PCT Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_15 Datasheet
399Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011PCX TSC-TS9011PCX Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011PCY TSC-TS9011PCY Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
logo
TECH PUBLIC Electronics...
TPS7B69 TECHPUBLIC-TPS7B69 Datasheet
3Mb / 7P
   250mA, 40V Ultralo-Quiescent-Current LDO
logo
Richtek Technology Corp...
RT9086 RICHTEK-RT9086 Datasheet
1Mb / 21P
   250mA, Ultra-Low Noise, Low Quiescent Current, LDO Regulator
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Taiwan Semiconductor Co...
TS9013 TSC-TS9013_13 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_11 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com