전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX55C5V6 데이터시트(PDF) 2 Page - Seme LAB

부품명 BZX55C5V6
상세설명  VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI?밨EL APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BZX55C5V6 데이터시트(HTML) 2 Page - Seme LAB

  BZX55C5V6 Datasheet HTML 1Page - Seme LAB BZX55C5V6 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BZX55C Series
BZX55C2V4
2.4
2.28
2.56
155
100
1.0
50.0
-0.08
-0.06
600
100
BZX55C2V7
2.7
2.5
2.9
135
100
1.0
20.0
-0.08
-0.06
600
50
BZX55C3V0
3.0
2.8
3.2
125
100
1.0
4.00
-0.08
-0.06
600
40
BZX55C3V3
3.3
3.1
3.5
115
100
1.0
3.00
-0.08
-0.05
600
40
BZX55C3V6
3.6
3.4
3.8
105
100
1.0
2.00
-0.08
-0.04
600
40
BZX55C3V9
3.9
3.7
4.1
95
100
1.0
2.00
-0.07
-0.03
600
40
BZX55C4V3
4.3
4.0
4.6
90
75
1.0
1.00
-0.04
-0.01
600
20
BZX55C4V7
4.7
4.4
5.0
85
75
1.0
0.50
-0.03
+0.01
600
10
BZX55C5V1
5.1
4.8
5.4
80
40
1.0
0.15
-0.02
+0.05
550
2.0
BZX55C5V6
5.6
5.2
6.0
70
40
1.0
0.15
-0.01
+0.06
450
2.0
BZX55C6V2
6.2
5.8
6.6
64
10
2.0
0.15
0
+0.07
200
2.0
BZX55C6V8
6.8
6.4
7.2
58
8.0
3.0
0.15
+0.01
+0.08
150
2.0
BZX55C7V5
7.5
7.0
7.9
53
7.0
5.0
0.15
+0.01
+0.09
50
2.0
BZX55C8V2
8.2
7.7
8.7
47
7.0
6.2
0.15
+0.01
+0.09
50
2.0
BZX55C9V1
9.1
8.5
9.6
43
10
6.8
0.15
+0.02
+0.10
50
2.0
BZX55C10
10
9.4
10.6
40
15
7.5
0.15
+0.03
+0.11
70
2.0
BZX55C11
11
10.4
11.6
36
20
8.2
0.15
+0.03
+0.11
70
2.0
BZX55C12
12
11.4
12.7
32
20
9.1
0.15
+0.03
+0.11
90
2.0
BZX55C13
13
12.4
14.1
29
26
10
0.15
+0.03
+0.11
110
2.0
BZX55C15
15
13.8
15.6
27
30
11
0.15
+0.03
+0.11
110
2.0
BZX55C16
16
15.3
17.1
24
40
12
0.15
+0.03
+0.11
170
2.0
BZX55C18
18
16.8
19.1
21
50
13
0.15
+0.03
+0.11
170
2.0
BZX55C20
20
18.8
21.2
20
55
15
0.15
+0.03
+0.11
220
2.0
BZX55C22
22
20.8
23.3
18
55
16
0.15
+0.03
+0.11
220
2.0
BZX55C24
24
22.8
25.6
16
80
18
0.15
+0.04
+0.12
220
2.0
BZX55C27
27
25.1
28.9
14
80
20
0.15
+0.04
+0.12
220
2.0
BZX55C30
30
28
32
13
80
22
0.15
+0.04
+0.12
220
2.0
BZX55C33
33
31
35
12
80
24
0.15
+0.04
+0.12
220
2.0
BZX55C36
36
34
38
11
80
27
0.15
+0.04
+0.12
220
2.0
BZX55C39
39
37
41
10
90
30
0.15
+0.04
+0.12
500
5.0
BZX55C43
43
40
46
9.2
90
33
0.15
+0.04
+0.12
600
5.0
BZX55C47
47
44
50
8.5
110
36
0.15
+0.04
+0.12
700
5.0
BZX55C51
51
48
54
7.8
125
39
0.15
+0.04
+0.12
700
10
BZX55C56
56
52
60
7.0
135
43
0.15
+0.04
+0.12
1000
10
BZX55C62
62
58
66
6.4
150
47
0.15
+0.04
+0.12
1000
10
BZX55C68
68
64
72
5.9
200
51
0.15
+0.04
+0.12
1000
10
BZX55C75
75
70
80
5.3
250
56
0.15
+0.04
+0.12
1500
10
Product
VZ nom.
VZ min.
VZ max.
IZ max.
ZZ max.
VR test
IR max.
TCVZ
ZK max. IR max(2)
min.
max.
(V)
(V)
(V)
(mA)
(
Ω)
(V)
(
µA)
(%/°C)
(
Ω)(µA)
TABLE 1 – TYPE VARIANTS & TEST PARAMETERS
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website http://www.semelab.co.uk
Document Number 5743
Issue 4
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.


유사한 부품 번호 - BZX55C5V6

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BZX55C5V6 VISHAY-BZX55C5V6 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Taiwan Semiconductor Co...
BZX55C5V6 TSC-BZX55C5V6 Datasheet
170Kb / 4P
   Hermatically Sealed Glass Zener
logo
Vishay Siliconix
BZX55C5V6 VISHAY-BZX55C5V6 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Micro Commercial Compon...
BZX55C5V6 MCC-BZX55C5V6 Datasheet
207Kb / 4P
   500 mWatt Zener Diode 2.0V to 100 Volts
logo
Gaomi Xinghe Electronic...
BZX55C5V6 GXELECTRONICS-BZX55C5V6 Datasheet
102Kb / 3P
   Silicon Planar Zener Diodes
More results

유사한 설명 - BZX55C5V6

제조업체부품명데이터시트상세설명
logo
Seme LAB
BZX55C SEME-LAB-BZX55C Datasheet
19Kb / 2P
   VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
SB30-45M SEME-LAB-SB30-45M_03 Datasheet
22Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI?밨EL APPLICATIONS
SB16-100SMD SEME-LAB-SB16-100SMD Datasheet
19Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI-REL APPLICATIONS
1N5221B-LCC3 SEME-LAB-1N5221B-LCC3 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BZX79C SEME-LAB-BZX79C Datasheet
21Kb / 2P
   VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT
LM136CSM4-5V SEME-LAB-LM136CSM4-5V Datasheet
13Kb / 1P
   PRECISION 5V SHUNT REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE
LT1085LCC4 SEME-LAB-LT1085LCC4 Datasheet
36Kb / 2P
   CERAMIC SURFACE MOUNT LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS
IP78M00A-LCC4 SEME-LAB-IP78M00A-LCC4 Datasheet
24Kb / 4P
   0.5 AMP POSITIVE VOLTAGE REGULATOR IN A CERAMIC SURFACE MOUNT PACKAGE
IRFJ240 SEME-LAB-IRFJ240_07 Datasheet
28Kb / 2P
   N-CHANNEL POWER MOSFET FOR HI?밨EL APPLICATIONS
SML1310IGF SEME-LAB-SML1310IGF Datasheet
46Kb / 2P
   N?밅HANNEL POWER MOSFET FOR HI?밨EL APPLICATIONS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com