전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD4E001DBVR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD4E001DBVR
상세설명  4-CHANNEL ESD PROTECTION ARRAY WITH 1.5-pF IO CAPACITANCE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPD4E001DBVR 데이터시트(HTML) 1 Page - Texas Instruments

  TPD4E001DBVR Datasheet HTML 1Page - Texas Instruments TPD4E001DBVR Datasheet HTML 2Page - Texas Instruments TPD4E001DBVR Datasheet HTML 3Page - Texas Instruments TPD4E001DBVR Datasheet HTML 4Page - Texas Instruments TPD4E001DBVR Datasheet HTML 5Page - Texas Instruments TPD4E001DBVR Datasheet HTML 6Page - Texas Instruments TPD4E001DBVR Datasheet HTML 7Page - Texas Instruments TPD4E001DBVR Datasheet HTML 8Page - Texas Instruments TPD4E001DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
IO3
GND
V
CC
IO4
1
2
6
3
5
4
DBV/DCK PACKAGE
(TOP VIEW)
IO1
IO2
IO3
GND
V
CC
IO4
1
2
6
3
5
4
DRL PACKAGE
(TOP VIEW)
IO2
IO1
QFN PACKAGE
(TOP VIEW)
IO1
IO2
GND
V
CC
IO4
IO3
GND
1
2
3
4
5
6
TPD4E001
www.ti.com
SLLS682F
– JULY 2006 – REVISED MAY 2011
4-CHANNEL ESD PROTECTION ARRAY WITH 1.5-pF IO CAPACITANCE
Check for Samples: TPD4E001
Alternate 2-, 3-, 6-Channel Options Available:
1
FEATURES
TPD2E001, TPD3E001, and TPD6E001
2
4-Channel ESD Clamp Array to Enhance
APPLICATIONS
System-Level ESD Protection
USB 2.0
Exceeds IEC61000-4-2 (Level 4) ESD
Protection Requirements
Ethernet
– ±8-kV IEC 61000-4-2 Contact Discharge
FireWire
– ±15-kV IEC 61000-4-2 Air-Gap Discharge
Precision Analog Interface
±15-kV Human-Body Model (HBM)
SVGA Connections
5.5-A Peak Pulse Current (8/20-us Pulse)
Low 1.5-pF Input Capacitance
Low 1-nA (Max) Leakage Current
0.9-V to 5.5-V Supply-Voltage Range
Space-Saving DRL, DBV, DCK, and DRS
Package Options
DESCRIPTION/ORDERING INFORMATION
The TPD4E001 is a low-capacitance
±15-kV ESD-protection diode array designed to protect sensitive electronics
attached to communication lines. Each channel consists of a pair of diodes that steer ESD current pulses to VCC
or GND. The TPD4E001 protects against ESD pulses up to
±15-kV Human-Body Model (HBM), ±8-kV Contact
Discharge, and
±15-kV Air-Gap Discharge, as specified in IEC 61000-4-2. This device has a 1.5-pF IO
capacitance per channel, making it ideal for use in high-speed data IO interfaces. The ultra low leakage current
(
<1 nA max) is suitable for precision analog measurements in applications like glucose meters, heart rate
monitors, etc.
The TPD4E001 is available in DRL, DBV (SOT-23), DCK (SC-70), and DRS (QFN) packages and is specified
for
–40°C to 85°C operation.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
1.6
× 1.6 DRL
Reel of 4000
TPD4E001DRLR
2CR
2.9
× 2.8 DBV (SOT-23)
Reel of 3000
TPD4E001DBVR
NFY5
–40°C to 85°C
2.1
× 2.0 DCK (SC-70)
Reel of 3000
TPD4E001DCKR
2CF
3
× 3 DRS (QFN)
Reel of 1000
TPD4E001DRSR
ZWM
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
FireWire is a trademark of Apple Computer, Inc.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2006–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TPD4E001DBVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD4E001DBVR TI1-TPD4E001DBVR Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001DBVR TI1-TPD4E001DBVR Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001DBVR TI1-TPD4E001DBVR Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001DBVR TI1-TPD4E001DBVR Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
logo
Shanghai Leiditech Elec...
TPD4E001DBVR LEIDITECH-TPD4E001DBVR Datasheet
980Kb / 7P
   LOW CAPACITANCE TVS DIODE ARRAY
Rev : 01.06.2014
More results

유사한 설명 - TPD4E001DBVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD4E001-Q1 TI1-TPD4E001-Q1_14 Datasheet
732Kb / 14P
[Old version datasheet]   4-CHANNEL ESD PROTECTION ARRAY WITH 1.5-pF IO CAPACITANCE
TPD4E001-Q1 TI1-TPD4E001-Q1_15 Datasheet
797Kb / 18P
[Old version datasheet]   4-Channel ESD Protection Array With 1.5-pF I/O Capacitance
logo
ON Semiconductor
CM1293A-04SO ONSEMI-CM1293A-04SO_12 Datasheet
706Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
January, 2012 ??Rev. 0
CM1213A-04SO ONSEMI-CM1213A-04SO_14 Datasheet
424Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
July, 2014 ??Rev. 1
ESD1213A-04S7 ONSEMI-ESD1213A-04S7 Datasheet
473Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
March, 2012 ??Rev. 0
logo
Socay Electornics Co., ...
ESD06V36T-4LC SOCAY-ESD06V36T-4LC Datasheet
727Kb / 4P
   4-Channel Low Capacitance ESD Protection Diodes Array
logo
HY ELECTRONIC CORP.
HYESD0524P HY-HYESD0524P Datasheet
254Kb / 4P
   4 Channel Low Capacitance ESD Protection Diode Array
HYESD0514P HY-HYESD0514P Datasheet
253Kb / 4P
   4 Channel Low Capacitance ESD Protection Diode Array
logo
Leshan Radio Company
LRC099-04ABT1G LRC-LRC099-04ABT1G Datasheet
458Kb / 5P
   4-CHANNEL LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
LRC099-04DT1G LRC-LRC099-04DT1G Datasheet
361Kb / 5P
   4-CHANNEL LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com