전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3DDR3812 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TS3DDR3812
상세설명  12-Channel, 1:2 MUX/DEMUX Switch for DDR3 Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS3DDR3812 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TS3DDR3812 Datasheet HTML 7Page - Texas Instruments TS3DDR3812 Datasheet HTML 8Page - Texas Instruments TS3DDR3812 Datasheet HTML 9Page - Texas Instruments TS3DDR3812 Datasheet HTML 10Page - Texas Instruments TS3DDR3812 Datasheet HTML 11Page - Texas Instruments TS3DDR3812 Datasheet HTML 12Page - Texas Instruments TS3DDR3812 Datasheet HTML 13Page - Texas Instruments TS3DDR3812 Datasheet HTML 14Page - Texas Instruments TS3DDR3812 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
VDD
A0
0B1
SEL
DUT
VBIAS
VSEL
EXT TRIGGER
BIAS
Network Analyzer
(HP8753ES)
P1
P2
A1
1B1
0B2
1BX2
R = 50
L
W
A. C includes probe and jig capacitance.
B. A 50 W termination resistor is needed to match the loading of the network analyzer.
L
TS3DDR3812
www.ti.com
SCDS314A
– FEBRUARY 2011 – REVISED MARCH 2011
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 9. Test Circuit for OFF Isolation (OIRR)
OFF isolation is measured at the output of the OFF channel. For example, when VSEL = GND and A1 is the input,
the output is measured at 1B2. All unused analog input (A) ports are connected to ground, and output (B) ports
are left open.
HP8753ES Setup
Average = 4
RBW = 3 kHz
VBIAS = 0.35 V
ST = 2 s
P1 = 0 dBM
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TS3DDR3812


유사한 부품 번호 - TS3DDR3812

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3DDR32611 TI1-TS3DDR32611 Datasheet
815Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611 TI1-TS3DDR32611 Datasheet
279Kb / 12P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611ZQCR TI1-TS3DDR32611ZQCR Datasheet
815Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611 TI1-TS3DDR32611_14 Datasheet
279Kb / 12P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611 TI-TS3DDR32611_15 Datasheet
798Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
More results

유사한 설명 - TS3DDR3812

제조업체부품명데이터시트상세설명
logo
Pericom Semiconductor C...
PI5C33X257 PERICOM-PI5C33X257_05 Datasheet
428Kb / 5P
   12-Channel, 2:1 Mux/DeMux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
logo
Potato Semiconductor Co...
PO3B402A POTATO-PO3B402A Datasheet
568Kb / 6P
   4-Port 2-Channel, 2:1 Mux/DeMux Switch
PO3B402A POTATO-PO3B402A_14 Datasheet
956Kb / 5P
   4-Port 2-Channel, 2:1 Mux/DeMux Switch
logo
Integrated Device Techn...
IDT74FST163214 IDT-IDT74FST163214 Datasheet
80Kb / 6P
   12-BIT 3:1 MUX/DEMUX SWITCH
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303_09 Datasheet
415Kb / 5P
   SOTiny 2:1 Mux/DeMux Bus Switch
logo
Potato Semiconductor Co...
PO3B10A POTATO-PO3B10A Datasheet
543Kb / 6P
   2-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com