전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD8N65M5 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 STD8N65M5
상세설명  N-channel 650 V, 0.56 廓, 7 A MDmesh??V Power MOSFET
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD8N65M5 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button STD8N65M5 Datasheet HTML 5Page - STMicroelectronics STD8N65M5 Datasheet HTML 6Page - STMicroelectronics STD8N65M5 Datasheet HTML 7Page - STMicroelectronics STD8N65M5 Datasheet HTML 8Page - STMicroelectronics STD8N65M5 Datasheet HTML 9Page - STMicroelectronics STD8N65M5 Datasheet HTML 10Page - STMicroelectronics STD8N65M5 Datasheet HTML 11Page - STMicroelectronics STD8N65M5 Datasheet HTML 12Page - STMicroelectronics STD8N65M5 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
STB/D/F/I/P/U8N65M5
Test circuits
Doc ID 16531 Rev 3
9/25
3
Test circuits
Figure 18. Switching times test circuit for
resistive load
Figure 19. Gate charge test circuit
Figure 20. Test circuit for inductive load
switching and diode recovery times
Figure 21. Unclamped inductive load test
circuit
Figure 22. Unclamped inductive waveform
Figure 23. Switching time waveform
AM01468v1
VGS
PW
VD
RG
RL
D.U.T.
2200
μF
3.3
μF
VDD
AM01469v1
VDD
47k
Ω
1k
Ω
47k
Ω
2.7k
Ω
1k
Ω
12V
Vi=20V=VGMAX
2200
μF
PW
IG=CONST
100
Ω
100nF
D.U.T.
VG
AM01470v1
A
D
D.U.T.
S
B
G
25
Ω
A
A
B
B
RG
G
FAST
DIODE
D
S
L=100
μH
μF
3.3
1000
μF
VDD
AM01471v1
Vi
Pw
VD
ID
D.U.T.
L
2200
μF
3.3
μF
VDD
AM01472v1
V(BR)DSS
VDD
VDD
VD
IDM
ID
AM05540v1
Id
Vgs
Vds
90%Vds
10%Id
90%Vgs
on
Tdelay-off
Tfall
Trise
Tcross -over
10%Vds
90%Id
Vgs(I(t))
on
-off
Tfall
Trise
-
))
Concept waveform for Inductive Load Turn-off


유사한 부품 번호 - STD8N65M5

제조업체부품명데이터시트상세설명
logo
Texas Instruments
STD8N65M5 TI1-STD8N65M5 Datasheet
1Mb / 26P
[Old version datasheet]   a Phase-Dimmable, Primary-Side Regulated LED Driver
logo
Inchange Semiconductor ...
STD8N65M5 ISC-STD8N65M5 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - STD8N65M5

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STL8N65M5 STMICROELECTRONICS-STL8N65M5 Datasheet
1Mb / 13P
   N-channel 650 V, 0.56, 7 A MDmesh V Power MOSFET in PowerFLAT 5x5
STB38N65M5 STMICROELECTRONICS-STB38N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.073, 30 A MDmesh V Power MOSFET
STY112N65M5 STMICROELECTRONICS-STY112N65M5 Datasheet
856Kb / 12P
   N-channel 650 V, 0.019 廓, 96 A, MDmesh??V Power MOSFET in Max247 package
STB16N65M5 STMICROELECTRONICS-STB16N65M5 Datasheet
1Mb / 19P
   N-channel 650 V, 0.230 廓, 12 A MDmesh??V Power MOSFET in D짼PAK, DPAK
STY139N65M5 STMICROELECTRONICS-STY139N65M5 Datasheet
971Kb / 13P
   N-channel 650 V, 0.014 廓 typ., 130 A, MDmesh??V Power MOSFET in Max247 package
STY145N65M5 STMICROELECTRONICS-STY145N65M5 Datasheet
788Kb / 13P
   N-channel 650 V, 0.012 廓 typ., 138 A, MDmesh??V Power MOSFET in Max247 package
STW60N65M5 STMICROELECTRONICS-STW60N65M5 Datasheet
975Kb / 16P
   N-channel 650 V, 0.049 ohm, 46 A MDmesh V Power MOSFET
STB57N65M5 STMICROELECTRONICS-STB57N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.056 typ., 42 A MDmesh V Power MOSFET
CD00222640 STMICROELECTRONICS-CD00222640 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 ohm, 33 A MDmesh V Power MOSFET
STW57N65M5-4 STMICROELECTRONICS-STW57N65M5-4 Datasheet
1Mb / 14P
   N-channel 650 V, 0.056 廓 typ., 42 A, MDmesh??V Power MOSFET in a TO247-4 package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com