전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-TDR019V1 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STEVAL-TDR019V1
상세설명  Demonstration board using the PD85004 for 900 MHz 2-way radio
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR019V1 데이터시트(HTML) 5 Page - STMicroelectronics

  STEVAL-TDR019V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR019V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR019V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR019V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR019V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR019V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR019V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR019V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR019V1 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STEVAL-TDR019V1
Test circuit
Doc ID 18092 Rev 1
5/9
3
Test circuit
Figure 2.
Test circuit schematic
+
PD85004
LDMOS
R2
C5
C4
C7
C6
C8
C9
C10
C11
C12
C3
Vcc
2 -
1 +
TL3
TL1
TL2
RFin
R1
R3
C1
TL6
RFout
C2
FR4
H=20 mil
MSub
TL5
TL4
B2
L1
B1
Table 4.
Part list
Component ID
Description
Value
Case size
Manufacturer
Part code
B1
Ferrite bead
Panasonic
EXCELDRC35C
B2
Ferrite bead
Panasonic
EXCELDRC35C
C1, C2
Capacitor
120 pF
0603
Murata
GRM39-C0G121J50D500
C3
Capacitor
1 nF
0603
Murata
GRM39-X7R102K50C560
C4
Capacitor
10 nF
0603
Murata
GRM39-X7R103K50C560
C5
Capacitor
10 uF
SMT
Panasonic
EEVHB1V100P
C6, C7
Capacitor
39 pF
0603
Murata
GRM39-C0G390J50D500
C8
Capacitor
3.3 pF
0603
Murata
GRM39-C0G3R3C50Z500
C9
Capacitor
12 pF
0603
Murata
GRM39-C0G120J50D500
C10
Capacitor
22 pF
0603
Murata
GRM39-C0G220J50D500
C11
Capacitor
6,8 pF
0603
Murata
GRM39-C0G6R8D50Z500
C12
Capacitor
1,5 pF
0603
Murata
GRM39-C0G1R5C50Z500
L1
Inductor
12.55 nH
Coilcraft
1606-10


유사한 부품 번호 - STEVAL-TDR019V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-TDR010V1 STMICROELECTRONICS-STEVAL-TDR010V1 Datasheet
348Kb / 13P
   RF power amplifier demonstration board using: 2 x SD2942 N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR011V1 STMICROELECTRONICS-STEVAL-TDR011V1 Datasheet
818Kb / 12P
   2-stage RF power amplifier
STEVAL-TDR013V1 STMICROELECTRONICS-STEVAL-TDR013V1 Datasheet
358Kb / 16P
   Demonstration board using the PD84002 for UHF RFID reader
STEVAL-TDR014V1 STMICROELECTRONICS-STEVAL-TDR014V1 Datasheet
750Kb / 11P
   Demonstration board based on the PD55008-E for UHF mobile radio
STEVAL-TDR016V1 STMICROELECTRONICS-STEVAL-TDR016V1 Datasheet
248Kb / 13P
   RF power amplifier using 1 x PD55015E N-channel enhancement-mode lateral MOSFETs
More results

유사한 설명 - STEVAL-TDR019V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-TDR021V1 STMICROELECTRONICS-STEVAL-TDR021V1 Datasheet
352Kb / 11P
   Demonstration board using the PD84008L-E for 900 MHz 2-way radio
STEVAL-TDR017V1 STMICROELECTRONICS-STEVAL-TDR017V1 Datasheet
143Kb / 8P
   Demonstration board using the PD84001 for UHF RFID reader and 2-way radio
STEVAL-TDR025V1 STMICROELECTRONICS-STEVAL-TDR025V1 Datasheet
474Kb / 10P
   Portable UHF 2-way radio demonstration board based on the PD84001
STEVAL-TDR020V1 STMICROELECTRONICS-STEVAL-TDR020V1 Datasheet
206Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84006L-E
STEVAL-TDR027V1 STMICROELECTRONICS-STEVAL-TDR027V1 Datasheet
215Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84008L-E
AN3028 STMICROELECTRONICS-AN3028 Datasheet
1Mb / 37P
   demonstration board using the VIPer16LN
STEVAL-TDR013V1 STMICROELECTRONICS-STEVAL-TDR013V1 Datasheet
358Kb / 16P
   Demonstration board using the PD84002 for UHF RFID reader
logo
Microchip Technology
DM183033 MICROCHIP-DM183033 Datasheet
107Kb / 2P
   Internet Radio Demonstration Board
01/02/08
logo
Fairchild Semiconductor
TMB2193MS100 FAIRCHILD-TMB2193MS100 Datasheet
167Kb / 24P
   Demonstration Board for the TMC2193
logo
STMicroelectronics
STEVAL-TDR014V1 STMICROELECTRONICS-STEVAL-TDR014V1 Datasheet
750Kb / 11P
   Demonstration board based on the PD55008-E for UHF mobile radio
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com